Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 28 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 24Page - STMicroelectronics LED2472G Datasheet HTML 25Page - STMicroelectronics LED2472G Datasheet HTML 26Page - STMicroelectronics LED2472G Datasheet HTML 27Page - STMicroelectronics LED2472G Datasheet HTML 28Page - STMicroelectronics LED2472G Datasheet HTML 29Page - STMicroelectronics LED2472G Datasheet HTML 30Page - STMicroelectronics LED2472G Datasheet HTML 31Page - STMicroelectronics LED2472G Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
LED error detection
LED2472G
28/39
DocID024620 Rev 3
10
LED error detection
The LED error detection implemented by the LED2472G is performed in order to detect
shorted LED and open LED conditions. The shorted LED condition is determined by
checking the voltage across each current generator. If this voltage is higher than the
threshold, programmed by bits CFG-3, CFG-4 and CFG-5 of the configuration register, the
LED connected to that generator is considered shorted.
The open LED condition is determined by measuring the current flowing through each
current generator. If this current is lower than half the expected current, the LED connected
to that generator is considered open. The error detection request and the acquisition of the
results of the detection are managed by the serial interface. The steps to follow for correct
performance of error detection are summarized as follows (see Figure 16):
–
Enter the error detection. To do this, the appropriate digital key must be provided
(see Figure 9). There is both the possibility of “generic” error detection (open/short
detection) and the possibility to specifically select the type of failure (short
detection or open detection).
–
Performing the error detection. When the ROE, GOE and BOE signals become
low, error detection starts. These signals must be kept low for at least 1 µs in order
to correctly complete the error detection process. After this time, at least one CLK
pulse must be provided in order to make the detection result available at the SDO
pin while the output enable signals are still low. The bit shifted out of SDO after this
clock pulse represents the first bit of the detection result word.
–
Detection results. To complete the detection result acquisition, at least another
23 CLK pulses must be provided after the xOE signals have been set high again
(24 CLK pulses in total). The detection result will be always in RGB sequence
regardless of any different programmed data flow (CFG9-CFG11).
The detection result indicates “1” for each channel considered good, “0” for each channel
that has a failure (shorted or open LED). To check the status of all channels and to obtain an
accurate detection result, it is important to set all outputs to ON before starting the error
detection process. If this is not done, it is worth noting that the detection result will indicate a
“0” also for those channels not set to ON before the detection process, although they may
not actually have any failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com