Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 30 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 26Page - STMicroelectronics LED2472G Datasheet HTML 27Page - STMicroelectronics LED2472G Datasheet HTML 28Page - STMicroelectronics LED2472G Datasheet HTML 29Page - STMicroelectronics LED2472G Datasheet HTML 30Page - STMicroelectronics LED2472G Datasheet HTML 31Page - STMicroelectronics LED2472G Datasheet HTML 32Page - STMicroelectronics LED2472G Datasheet HTML 33Page - STMicroelectronics LED2472G Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Thermal shutdown and thermal alert
LED2472G
30/39
DocID024620 Rev 3
11
Thermal shutdown and thermal alert
The device can monitor the internal temperature. Based on the temperature value, the
device can simply provide an alert (if the temperature exceeds 150 °C) through the serial
interface, or trigger a thermal shutdown (if the temperature exceeds 170 °C). The effect of
the thermal shutdown is to turn off all channels until the temperature falls (considering a
hysteresis of around 15 °C). The thermal alert can be read by running the digital key
“Thermal alert reading”, holding the LE high for 14 CLK rising edges (see Figure 17). If
thermal alert is asserted, a 24-bit string at “1” will be sent through SDO at the next 24 CLK
rising edge.
Figure 17. LE high for 14 CLK
Table 13. Thermal alert status summary
Thermal alert status
Meaning
“0000 0000 0000 0000 0000 0000”
Device temperature under 150 °C
“1111 1111 1111 1111 1111 1111”
Device temperature over 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com