Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 14 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 10Page - STMicroelectronics LED2472G Datasheet HTML 11Page - STMicroelectronics LED2472G Datasheet HTML 12Page - STMicroelectronics LED2472G Datasheet HTML 13Page - STMicroelectronics LED2472G Datasheet HTML 14Page - STMicroelectronics LED2472G Datasheet HTML 15Page - STMicroelectronics LED2472G Datasheet HTML 16Page - STMicroelectronics LED2472G Datasheet HTML 17Page - STMicroelectronics LED2472G Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Switching characteristics
LED2472G
14/39
DocID024620 Rev 3
tshut-down
Auto power shutdown time (autoOFF)
From LE falling edge to Rext
voltage reference at -10%
-75-
ns
twake-up
Auto power wakeup time
From LE falling edge to Rext
voltage reference at 90%
-1-
µs
1.
All table limits are guaranteed by design.
2.
Not tested in production.
3.
CFG-8 = “1” (no output gradual delay)
4.
In normal error detection mode must be longer than 1µs
5.
If devices are connected in cascade and tor or tof is large, it may be critical to achieve the timing required for data transfer
between two cascaded devices
Table 6. Switching characteristics(1)(2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com