Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 6Page - STMicroelectronics LED2472G Datasheet HTML 7Page - STMicroelectronics LED2472G Datasheet HTML 8Page - STMicroelectronics LED2472G Datasheet HTML 9Page - STMicroelectronics LED2472G Datasheet HTML 10Page - STMicroelectronics LED2472G Datasheet HTML 11Page - STMicroelectronics LED2472G Datasheet HTML 12Page - STMicroelectronics LED2472G Datasheet HTML 13Page - STMicroelectronics LED2472G Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Electrical characteristics
LED2472G
10/39
DocID024620 Rev 3
4
Electrical characteristics
Vdd = 3.3 V, Tj = 25 °C, GRG = “1” (gain reg), Rext = 13 kΩ, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vdd
Supply voltage
3
5.5
V
VOUT
Output voltage
For all outputs
-
-
19
VIH
Input voltage
0.7•Vdd
-
Vdd
VIL
GND
-
0.3•Vdd
VOL
Serial data output voltage
(SDO)
VDD = 3 to 5.5 V
I = +/- 1 mA
--
0.4
VOH
VDD-0.4
-
-
IOleak
Output leakage current
Vo = 19 V, all outputs OFF
-
-
0.5
uA
Vuvlo1
UVLO threshold voltage
(rising)
2.7
2.9
V
Vuvlo1
UVLO threshold voltage
(falling)
2.2
2.3
V
Hyuvlo
UVLO hysteresis
400
mV
∆I
OL1
Output current precision
channel-to-channel per each
color group
(all outputs ON)(1)(2)
Vo = 0.3 V; (Io=5 mA)
CFG-0 = CFG-1 = CFG-2 = “0”
GRG = “0”
--
±4
%
∆I
OL3
Vo = 0.6 V; (Io = 21 mA)
CFG-0 = CFG-1 = CFG-2 = “0”
--
±3
∆I
OL2
Vo = 0.5 V; (Io=15 mA)
CFG-0 = CFG-1 = CFG-2 = “1”
GRG = “0”
--
±3
∆I
OL4
Vo = 1.2 V; (Io=61 mA)
CFG-0 = CFG-1 = CFG-2 = “1”
--
±3
∆I
OL1a
Output current error device-to-
device
per each color group
(all outputs ON)(1)
Vo = 0.3 V; (Io = 5 mA)
CFG-0 = CFG-1 = CFG-2 = “0”
GRG = “0”
--
±6
∆I
OL3a
Vo = 0.6 V; (Io=21 mA)
CFG-0 = CFG-1 = CFG-2 = “0”
--
±6
∆I
OL2a
Vo = 0.5 V; (Io = 15 mA)
CFG-0 = CFG-1 = CFG-2 = “1”
GRG = “0”
--
±6
∆I
OL4a
Vo = 1.2 V; (Io = 61 mA)
CFG-0 = CFG-1 = CFG-2 = “1”
--
±6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com