Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 26 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 22Page - STMicroelectronics LED2472G Datasheet HTML 23Page - STMicroelectronics LED2472G Datasheet HTML 24Page - STMicroelectronics LED2472G Datasheet HTML 25Page - STMicroelectronics LED2472G Datasheet HTML 26Page - STMicroelectronics LED2472G Datasheet HTML 27Page - STMicroelectronics LED2472G Datasheet HTML 28Page - STMicroelectronics LED2472G Datasheet HTML 29Page - STMicroelectronics LED2472G Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Current adjustment
LED2472G
26/39
DocID024620 Rev 3
9
Current adjustment
The LED2472G is designed to provide a current in the range between 4 mA and 72 mA per
channel. The current is programmed for all color groups by connecting an external resistor
(see Figure 15) to the pin ISET and then adjusted separately for each color by the gain
register. The current ranges can be separately selected for each color by the bits CFG-0,
CFG-1, CFG-2 of the configuration register (respectively, for RED, GREEN and BLUE). The
current for each color can be adjusted in 64 steps using 6 bits (per color) contained in the
gain register.
Figure 15. External resistor to connect to ISET pin
When the device is switched on, the default value of the gain register together with the bits
of the configuration register selecting the current range set a current value that can be
calculated as follows:
Where VREF ≈ 1.23 V is the voltage of the ISET pin and K is the mirroring current ratio,
whose value depends on the selected current range:
K = 55 with low current range selected (CFG-0, CFG-1 or CFG-2 set to “0”)
K = 160 with high current range selected (CFG-0, CFG-1 or CFG-2 set to “1”)
The relationship between the programmed current and the current gain settings is the
following:
where G is the current gain (decimal value) defined by the dedicated bits of the current gain
register.
ΔI
step can be instead defined as follows:
K
R
V
I
EXT
REF
default
OL
⋅
=
_
)
(
_
step
default
OL
OL
I
G
I
I
Δ
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com