Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 31 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 27Page - STMicroelectronics LED2472G Datasheet HTML 28Page - STMicroelectronics LED2472G Datasheet HTML 29Page - STMicroelectronics LED2472G Datasheet HTML 30Page - STMicroelectronics LED2472G Datasheet HTML 31Page - STMicroelectronics LED2472G Datasheet HTML 32Page - STMicroelectronics LED2472G Datasheet HTML 33Page - STMicroelectronics LED2472G Datasheet HTML 34Page - STMicroelectronics LED2472G Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
DocID024620 Rev 3
31/39
LED2472G
Dropout voltage
12
Dropout voltage
In order to correctly regulate the channel current, a minimum voltage (VDROP) across each
current generator must be guaranteed. Figure 18 and Table 14 show the minimum VDROP
related to the current to regulate. A VDROP lower than the minimum recommended implies
the regulation of a current lower than that expected. However, an excess of VDROP
increases the power dissipation. When all outputs are loaded simultaneously, the minimum
working drop rises. In full load condition at 61 mA per channel the minimum voltage to apply
on each channel must be increased by about 400 mV (550 mV at 72 mA).
Figure 18. Typical dropout voltage vs. output current (only one channel ON)
Table 14. Minimum dropout voltage for some current values (only one channel ON)
Output nominal current [mA]
Minimum VDROP [mV]
VDD = 3.3 V
5120
15
280
21
320
61
800
75
1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com