Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 20 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 16Page - STMicroelectronics LED2472G Datasheet HTML 17Page - STMicroelectronics LED2472G Datasheet HTML 18Page - STMicroelectronics LED2472G Datasheet HTML 19Page - STMicroelectronics LED2472G Datasheet HTML 20Page - STMicroelectronics LED2472G Datasheet HTML 21Page - STMicroelectronics LED2472G Datasheet HTML 22Page - STMicroelectronics LED2472G Datasheet HTML 23Page - STMicroelectronics LED2472G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Digital blocks
LED2472G
20/39
DocID024620 Rev 3
managed as described in Table 8 where a description is provided for each bit. The default
value of the configuration register (when the device is switched ON or after a reset) is all bits
set to “0”. To change anything in the configuration register, a 24-bit digital word must be sent
(CFG-0 represents the LSB, CFG-23 the MSB).
Figure 10. Configuration register
Table 8. Configuration register
BIT
Definition
Attribute
read/write
Configuration register function description
Default
CFG-0
RED
current range
R/W
”0” low current range
“1” high current range
0
CFG-1
GREEN current
range
R/W
”0” low current range
“1” high current range
0
CFG-2
BLUE
current range
R/W
”0” low current range
“1” high current range
0
CFG-3
RED
voltage det. thr.
R/W
“0” LED short-circuit detection threshold 2 V
“1” LED short-circuit detection threshold 3 V
0
CFG-4
GREEN
voltage det. thr.
R/W
“0” LED short-circuit detection threshold 2 V
“1”LE D short-circuit detection threshold 3 V
0
CFG-5
BLUE
voltage det. thr.
R/W
“0” LED short-circuit detection threshold 2 V
“1” LED short-circuit detection threshold 3 V
0
CFG-6
Auto OFF
R/W
“0” device always ON
”1” auto power shutdown active (Auto OFF)
0
CFG-7
SDO delay
R/W
“0” SDO half clock delay disabled
“1” SDO half clock delay enabled
0
CFG-8
Gradual output
delay
R/W
“0” gradual outputs delay is applied
”1” all channels switch ON and OFF
simultaneously
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com