Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 21 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 17Page - STMicroelectronics LED2472G Datasheet HTML 18Page - STMicroelectronics LED2472G Datasheet HTML 19Page - STMicroelectronics LED2472G Datasheet HTML 20Page - STMicroelectronics LED2472G Datasheet HTML 21Page - STMicroelectronics LED2472G Datasheet HTML 22Page - STMicroelectronics LED2472G Datasheet HTML 23Page - STMicroelectronics LED2472G Datasheet HTML 24Page - STMicroelectronics LED2472G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DocID024620 Rev 3
21/39
LED2472G
Digital blocks
8.3
Current ranges (CFG 0-CFG 2)
The output LED currents can be programmed using an external resistor connected to GND
from the ISET pin and can be adjusted using 6 bits in a dedicated gain register with two
possible current ranges selectable in the configuration register. Each range can be
separately selected for each color by the bits CFG-0, CFG-1 and CFG-2, respectively, for
the RED, GREEN and BLUE channels.
8.4
Error detection conditions (CFG 3-CFG 5)
During error detection phases for each channel, the following are checked:
–
output current for open circuit detection
–
output voltage for short-circuit detection
The thresholds for the error diagnostics are summarized in the Table 9:
8.5
Auto power shutdown / wakeup (CFG 6)
This feature reduces the power consumption when all outputs are OFF. It is active when the
bit CFG-6 of the configuration register is at “1”. The auto power shutdown (auto OFF) starts
when the data latched is “0” for all channels, and the device will be active again (wakeup) at
the first latched data string including at least one bit equal to “1” (at least one channel ON).
CFG-9
Data flow
R/W
Color data flow
management
CFG9 CFG10 CFG11
0
00
0
RGB
00
1
GBR
CFG-10
01
0
GRB
0
01
1
BGR
CFG-11
10
0
BRG
0
10
1
RBG
CFG
12 ÷ 23
Don’t care
Table 8. Configuration register (continued)
BIT
Definition
Attribute
read/write
Configuration register function description
Default
Table 9. Diagnostic thresholds
Error detection
Checked malfunction
CFG-x(1)
Thresholds
Open detection
combined mode
Open line or output short to GND
Don’t care
Io < 0.5 x Io_programmed
Short detection
Short on LED or short to VLED
0
Vo > 2 V
1
Vo > 3 V
1.
x=3 for RED, x=4 for GREEN, x=5 for BLUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com