Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 18 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 14Page - STMicroelectronics LED2472G Datasheet HTML 15Page - STMicroelectronics LED2472G Datasheet HTML 16Page - STMicroelectronics LED2472G Datasheet HTML 17Page - STMicroelectronics LED2472G Datasheet HTML 18Page - STMicroelectronics LED2472G Datasheet HTML 19Page - STMicroelectronics LED2472G Datasheet HTML 20Page - STMicroelectronics LED2472G Datasheet HTML 21Page - STMicroelectronics LED2472G Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Digital blocks
LED2472G
18/39
DocID024620 Rev 3
8
Digital blocks
The data inputs come in through the serial interface at each CLK rising edge and after 24
CLK cycles all data are loaded into the shift register. The LE signal is used to latch the
loaded data and also to generate digital keys for CFG management, scrolling, thermal check
and LED error detection. When one of the output enable signal (OER, OEB or OEG) is low,
the corresponding data are transferred to the relative output drivers. The data flow is “first in,
first out”. To latch the data, the LE signal must be high during the last data loading CLK
rising edge (Table 7). When one of the output enable signals (OER, OEB or OEG) is at low
level, output terminals (R1-R8,G1-G8, B1-B8) respond to the data either ON or OFF. When
one of the output enable signals (OER, OEB or OEG) goes to “1”, all outputs switch off all
the data on the output terminal. LE and /OE signals are asynchronous with respect to the
CLK signal. The time diagram below refers to RGB flow setting.
Figure 8. Data input time diagram
8.1
Register access
Access to the different registers of the device (configuration register, gain register, etc.) is
achieved by using different digital keys, defined as a number of CLK pulses during which the
LE signal is asserted. The available digital keys are summarized in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com