Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet (PDF) - ams AG

AS1116 Datasheet PDF - ams AG
Part # AS1116
Download  AS1116 Download
File Size   1018.71 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 64 LED Driver with Detailed Error Detection

AS1116 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1116 Datasheet PDF - ams AG

Part # AS1116
Download  AS1116 Click to download

File Size   1018.71 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 64 LED Driver with Detailed Error Detection

AS1116 Datasheet (HTML) - ams AG


AS1116 Product details

General Description
The AS1116 is a compact LED driver for 64 single LEDs or 8 digits of 7-segments. The devices can be programmed via an SPI compatible 3-wire interface.

Key Features
■ 10MHz SPI-Compatible Interface
■ Open and Shorted LED Error Detection
    - Global or Individual Error Detection
■ Hexadecimal- or BCD-Code for 7-Segment Displays
■ 200nA Low-Power Shutdown Current (typ; data retained)
■ Individual Digit Brightness Control
■ Digital and Analog Brightness Control
■ Display Blanked on Power-Up
■ Drive Common-Cathode LED Displays
■ Supply Voltage Range: 2.7 to 5.5V
■ Software Reset
■ Optional External Clock
■ Package:
    - QSOP-24 and TQFN(4x4)-24

Applications
    The AS1116 is ideal for seven-segment or dot matrix displays in public information displays at subway, train or bus stations, at airports and also at displays in public transportation like buses or trains mobile phones, personal electronic and toys.




Similar Part No. - AS1116

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1116 AMSCO-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
logo
TEXAS ADVANCED OPTOELEC...
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
logo
ams AG
AS1116-BQFT AMSCO-AS1116-BQFT Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1116-BSST AMSCO-AS1116-BSST Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
More results


Similar Description - AS1116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
DD313 SITI-DD313 Datasheet
688Kb / 22P
3-CHANNEL HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
DM11C SITI-DM11C Datasheet
668Kb / 34P
8-bit Constant Current LED Driver with Error Detection
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
logo
STMicroelectronics
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
16 channel LED driver with error detection current gain control
November 2015 Rev 6
LED2472G STMICROELECTRONICS-LED2472G Datasheet
1Mb / 39P
24-channels LED driver with error detection and gain control
April 2014 Rev 3
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com