Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHS Datasheet (PDF) - JST Mfg. Co., Ltd.

BHS Datasheet PDF - JST Mfg. Co., Ltd.
Part # BHS
Download  BHS Download
File Size   122.97 Kbytes
Page   2 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description 3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors

BHS Datasheet (PDF)

Go To PDF Page Download Datasheet
BHS Datasheet PDF - JST Mfg. Co., Ltd.

Part # BHS
Download  BHS Click to download

File Size   122.97 Kbytes
Page   2 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description 3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors

BHS Datasheet (HTML) - JST Mfg. Co., Ltd.


BHS Product details

Specifications –––––––––––––––––––
• Current rating: 1.0A AC, DC
• Voltage rating: 1,400V AC, DC
• Temperature range: -25°C to +85°C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m Ω max.
After environmental testing/20m Ω max.
• Insulation resistance: 1,000M Ω min.
• Withstanding voltage: 3,800V AC/minute
• Applicable wire: Socket contact Conductor AWG #28 to #24
Insulation O.D./ 0.9 to1.7mm
Pin contact Conductor AWG #28 to #24
Insulation O.D./ 0.9 to1.8mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.




Similar Part No. - BHS

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BHS0001 BALLUFF-BHS0001 Datasheet
100Kb / 2P
Inductive Sensors
2023-12-20
BHS0002 BALLUFF-BHS0002 Datasheet
100Kb / 2P
Inductive Sensors
2023-09-29
BHS001C BALLUFF-BHS001C Datasheet
87Kb / 2P
Inductive Sensors
2023-12-21
BHS001F BALLUFF-BHS001F Datasheet
92Kb / 2P
Inductive Sensors
2023-12-20
BHS001L BALLUFF-BHS001L Datasheet
92Kb / 2P
Inductive Sensors
2023-12-13
More results


Similar Description - BHS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com