Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHS Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # BHS
Description  3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

BHS Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  BHS Datasheet HTML 1Page - JST Mfg. Co., Ltd. BHS Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
BHS CONNECTOR
Model No.
mm2
AWG #
Insulation O.D. (mm)
Pin contact
Applicable wire
Q'ty / reel
5,000
10,000
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SBHSM-002T-P0.5
Socket contact
Pin contact
Socket contact
Pin contact
Socket contact
SBHS-002T-P0.5A
0.08
∼0.22
28
∼24
0.9
∼1.8
0.9
∼1.7
4.7
2.5
2.85
10.85
8.05
2.85
4.65
Model No.
Receptacle housing
Socket housing
Q'ty / bag
1,000
BHSMR-02VS
BHSR-02VS-1
(N)
Material
PA 66, UL94V-0, natural (white)
18.0
7.3
10.6
Receptacle housing (for pin contact)
Socket housing (for socket contact)
Pin contact
Socket contact
RoHS compliance
Note: Contact JST for BHSR-02VS-1.
RoHS compliance
Note: Contact JST for SBHS-002T-P0.5.
SBHSM-002T-P0.5
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SBHSM-002-05
−
Crimp applicator
Dies
MKS-L
−
APLMK SBHSM002-05
−
Applicator
SBHS-002T-P0.5A
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SBHS-002-05
−
Crimp applicator
Dies
MKS-L
−
APLMK SBHS002-05
−
Applicator
2
Contact
Housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com