Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBH Datasheet (PDF) - COSEL CO., LTD.

NBH Datasheet PDF - COSEL CO., LTD.
Part # NBH
Download  NBH Download
File Size   449.75 Kbytes
Page   2 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description Single phase input type (2-Stage filter)

NBH Datasheet (PDF)

Go To PDF Page Download Datasheet
NBH Datasheet PDF - COSEL CO., LTD.

Part # NBH
Download  NBH Click to download

File Size   449.75 Kbytes
Page   2 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description Single phase input type (2-Stage filter)

NBH Datasheet (HTML) - COSEL CO., LTD.


NBH Product details

Ultra high-attenuation type from 9kHz to 10MHz (2-Stage filter)
-Single Phase 250VAC
-Withstand voltage 4,000 VAC (Line to ground capacitor code -000 to -471)
- Quick and easy push-down terminal
Just connect the wires, push-down and tighten the screws with a screwdriver




Similar Part No. - NBH

ManufacturerPart #DatasheetDescription
logo
Pro-Power
NBHG25 PROPOWER-NBHG25 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
More results


Similar Description - NBH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMBC-0967-1010 SCHURTER-FMBC-0967-1010 Datasheet
621Kb / 5P
Compact 2-stage bookform filter
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
Compact 2-stage filter for 3-phase systems with neutral conductor
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
AC Filter 2-Stage
logo
PREMO CORPORATION S.L
FAM_FILE00000047 PREMO-FAM_FILE00000047 Datasheet
127Kb / 1P
CHASSIS MOUNTING SINGLE STAGE FILTER
logo
List of Unclassifed Man...
FN2070-16-07 ETC2-FN2070-16-07 Datasheet
260Kb / 5P
Multi-stage Performance EMI Filter Single-Phase Filters FN 2070
logo
Schurter Inc.
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
2-stage filter for 3-phase systems
logo
COSEL CO., LTD.
NBM-16-471 COSEL-NBM-16-471 Datasheet
466Kb / 2P
Single phase input type (2-Stage filter)
July 21, 2022
EAP-06-472 COSEL-EAP-06-472 Datasheet
381Kb / 2P
Small, Single phase input type (1-Stage filter)
October 06, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com