Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBH Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # NBH
Description  Single phase input type (2-Stage filter)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

NBH Datasheet(HTML) 1 Page - COSEL CO., LTD.

  NBH Datasheet HTML 1Page - COSEL CO., LTD. NBH Datasheet HTML 2Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NB-1
NBH series
Single phase input type (2-Stage filter)
NBH -10 -432 -O
Ordering information
1
Model Name
2
Rated Current
3
Line to ground capacitor code:Refer to table 1.1.
table1.1 Line to ground capacitor code
Code
Leakage Current
(Input 125/250V 60Hz)
Line to ground
capacitor
(nominal value)
Test voltage
(Terminal- Mounting Plate)
CY1
CY2
000
5
A/ 10 A max
Not Provided Not Provided
4,000VAC
101
12.5
A/ 25 A max
100pF Not Provided
221
25
A/ 50 A max
220pF Not Provided
331
37.5
A/ 75 A max
330pF Not Provided
471
50
A/100 A max
470pF Not Provided
681
75.5
A/150 A max
680pF Not Provided
2,500VAC
102
0.13mA/0.25mA max
1000pF Not Provided
202
0.25mA/0.5 mA max
1000pF 1000pF
322
0.38mA/0.75mA max
2200pF 1000pF
432
0.5 mA/1.0 mA max
3300pF 1000pF
*When the line to ground capacitor code is different, the attenuation
characteristic is different.
4
Option
D :DIN rail installation type
*The dimensions change when the option is set.
Refer to External view.
R
1
2
3
4
Features of NBH series
Circuit Diagram
Derating Curve
LINE
Case
: Mounting Plate
1
2
4
3
CY2
CY2
CY1,CY2 : Line to ground capacitor
CY1
CY1
LOAD
LLIIN
NE
E
Case
Case
: Mounting Plate
: Mounting Plate
11
22
44
33
C
CY2
Y2
C
CY2
Y2
C
CY1,CY2 : Line to ground capacitor
Y1,CY2 : Line to ground capacitor
C
CY1
Y1
C
CY1
Y1
LLO
OA
AD
D
Ultra high-attenuation type from 9kHz to 10MHz (2-Stage filter)
-
Single Phase 250VAC
-
Withstand voltage 4,000 VAC (Line to ground capacitor code -000 to -471)
-
Quick and easy push-down terminal
Just connect the wires, push-down and tighten the screws with a screwdriver
90
50
60
70
80 85
20
0
-4040
-30-20
100
80
60
40
Ambient Temperature [C]
Specifications
No.
Items
NBH-06-432
NBH-10-432
NBH-16-432
NBH-20-432
NBH-30-432
1
Rated Voltage[V]
AC 1f 250 / DC250
2
Rated Current[A]
6
10
16
20
30
3
Test Voltage (Terminal-Mounting Plate)
*1
2,500 VAC (Cutoff Current = 20mA), 1minute at room temperature and humidity
4
Isolation Resistance (Terminal-Mounting Plate)
500 VDC 100MW min at room temperature and humidity
5
Leakage current 125/250V 60Hz
0.5mA/1.0mA max
6
Voltage drop
1.0V max
7
Safety agency approval temperatures
-25 to +85C (Refer to Derating Curve A)
-25 to +85C (Refer to Derating Curve B)
8
Operating temperature
-40 to +85C (Refer to Derating Curve A)
-40 to +85C (Refer to Derating Curve B)
9
Operating humidity
20 to 95%RH (Non condensing)
10
Storage temperature/humidity
-40 to +85C/20 to 95%RH (Non condensing)
11
Vibration
10 to 55Hz, 19.6m/s2 (2G), 3min. Period, 1hour each X, Y and Z axis
12
Impact
196.1m/s2 (20G), 11ms Once each X, Y and Z axis
13
Safety agency approvals
UL1283, CSA C22.2 No.8 (C-UL), DIN EN60939 VDE0565 Teil3-1, ENEC (At only AC input)
14
Case size (without projection) /Weight
53X43X104 mm [2.09X1.69X4.09 inches] (WXHXD) /320g max (Option : -D refer to external view)
*1 When the line to ground capacitor code is different, the test voltage characteristic is different. (Refer to table 1.1)
90
50
60
70
80 85
20
0
-4040
-30-20
100
80
60
40
45
Ambient Temperature [C]
Derating Curve (A) 6,10A
Derating Curve (B) 16 to 30A
DIN rail installation type is option
The terminal cover is retracted inside the unit
July 21, 2022


Similar Part No. - NBH

ManufacturerPart #DatasheetDescription
logo
Pro-Power
NBHG25 PROPOWER-NBHG25 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
More results

Similar Description - NBH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMBC-0967-1010 SCHURTER-FMBC-0967-1010 Datasheet
621Kb / 5P
Compact 2-stage bookform filter
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
Compact 2-stage filter for 3-phase systems with neutral conductor
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
AC Filter 2-Stage
logo
PREMO CORPORATION S.L
FAM_FILE00000047 PREMO-FAM_FILE00000047 Datasheet
127Kb / 1P
CHASSIS MOUNTING SINGLE STAGE FILTER
logo
List of Unclassifed Man...
FN2070-16-07 ETC2-FN2070-16-07 Datasheet
260Kb / 5P
Multi-stage Performance EMI Filter Single-Phase Filters FN 2070
logo
Schurter Inc.
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
2-stage filter for 3-phase systems
logo
COSEL CO., LTD.
NBM-16-471 COSEL-NBM-16-471 Datasheet
466Kb / 2P
Single phase input type (2-Stage filter)
July 21, 2022
EAP-06-472 COSEL-EAP-06-472 Datasheet
381Kb / 2P
Small, Single phase input type (1-Stage filter)
October 06, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com