Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS5L Datasheet (PDF) - IDEC Corporation

HS5L Datasheet PDF - IDEC Corporation
Part # HS5L
Download  HS5L Download
File Size   2505.13 Kbytes
Page   24 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Interlock Switches with Solenoid(2-Contact)

HS5L Datasheet (PDF)

Go To PDF Page Download Datasheet
HS5L Datasheet PDF - IDEC Corporation

Part # HS5L
Download  HS5L Click to download

File Size   2505.13 Kbytes
Page   24 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Interlock Switches with Solenoid(2-Contact)

HS5L Datasheet (HTML) - IDEC Corporation


HS5L Product details

Specifications
Applicable Standards
EN ISO14119
GS-ET-19 (TÜV approval)
EN60947-5-1 (TÜV approval)
UL508 (UL Listing)
CSA C22.2 No. 14 (c-UL listed)
GB14048.5 (CCC approval)
IEC60204-1/EN60204-1 (Applicable standards for use)
Type and Coded level Type 2 low level coded interlocking device (ISO14119)
Operating Temperature –25 to + 55°C (no freezing)
Relative Humidity 20 to 95% (no condensation)
Storage Temperature –40 to +80°C (no freezing)
Pollution Degree 3
Impulse Withstand
Voltage
2.5kV
(between LED, solenoid and grounding: 0.5kV)
Insulation Resistance
(500V DC megger)
Between live and dead metal parts: 100MΩ min.
Between terminals of different poles: 100MΩ min.
Electric Shock
Protection Class II (IEC61140)
Degree of Protection IP67 (IEC60529) Type 4X Indoor Use Only
Shock Resistance Operating extremes: 100m/s2 (10G),
Damage limits: 1000m/s2 (100G)
Vibration Resistance Operating extremes: 10 to 55Hz, amplitude 0.35 min.
Damage limits: 30Hz, amplitude 1.5mm min.
Actuator Operating
Speed 0.05 to 1.0m/s
Direct Opening Travel
11.0mm min. (Actuator: HS9Z-A51/A5P)
12.0mm min. (Actuator: HS9Z-A52/A51A/A52A/A53/
55/SH5/SH5L)
24.5mm min. (Actuator: HS9Z-BA5)
Direct Opening Force 120N min.
Actuator Retention
Force (Note)
Fzh = 1400N min. (GS-ET-19)
However, Fzh=500N min. when HS9Z-A55 is used
Operating Frequency 900 operations per hour
Mechanical Durability
2,000,000 times min.
(Operation frequency 900 times/hour, actuator insert/
remove, solenoid operation) 100,000 times min. when
HS9Z-SH5/SH5L (actuator insert/remove)
Electrical Durability
100,000 times min. (Operating Frequency: 900
operations per hour)
2,000,000 times min. (24V AC/DC, 100mA)
Conditional Shortcircuit
Current
50A (250V) (Use 250V/10A fast-blow fuse for shortcircuit
protection.)
Cable 0.3mm2 min. and 1.5mm2 max. or AWG22 min. to
AWG16 max. strand wire or single wire
Weight (Approx.) 300g
Note: See page 16 regarding actuator retention force.




Similar Part No. - HS5L

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS50 OHMITE-HS50 Datasheet
352Kb / 2P
Wound to maximise High Pulse Capability
HS50 OHMITE-HS50 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
Arcol UK Ltd
HS50 ARCOL-HS50 Datasheet
348Kb / 2P
HS Aluminium Housed Resistors
12/14.08
logo
Crydom Inc.,
HS501 CRYDOM-HS501 Datasheet
461Kb / 3P
Panel Mount
HS501DR CRYDOM-HS501DR Datasheet
544Kb / 4P
DIN Rail Mount
More results


Similar Description - HS5L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
Door Interlock Switches
logo
C&K Components
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
Door Interlock Switches
DS1F5AQ1 CK-COMPONENTS-DS1F5AQ1 Datasheet
351Kb / 4P
DS Series Interlock Pushbutton Switches
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
Interlock Pushbutton Switches
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
logo
IDEC Corporation
HS1L-R44KMSRB-G IDEC-HS1L-R44KMSRB-G Datasheet
3Mb / 8P
HS1L Interlock Switches with Solenoid
logo
C&K Components
SL CK-COMPONENTS-SL Datasheet
1Mb / 4P
Sealed Interlock Door Switches
8 Dec 21
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
Interlock Snap Switches
31 oct 16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com