Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS5L Datasheet(PDF) 8 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 8 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 4Page - IDEC Corporation HS5L Datasheet HTML 5Page - IDEC Corporation HS5L Datasheet HTML 6Page - IDEC Corporation HS5L Datasheet HTML 7Page - IDEC Corporation HS5L Datasheet HTML 8Page - IDEC Corporation HS5L Datasheet HTML 9Page - IDEC Corporation HS5L Datasheet HTML 10Page - IDEC Corporation HS5L Datasheet HTML 11Page - IDEC Corporation HS5L Datasheet HTML 12Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
HS5L Interlock Switches with Solenoid (2-Contact)
2-Contact
Package Quantity: 1
Circuit
Code
Contact Configuration
Gland Port Size
Spring lock
Solenoid
Part No.
Part No.
XD
M20
HS5L-XD44M-G
HS5L-XD7Y4M-G
XF
M20
—
HS5L-XF7Y4M-G
XG
M20
—
HS5L-XG7Y4M-G
XH
M20
HS5L-XH44M-G
HS5L-XH7Y4M-G
Note: This marking cannot be applied to solenoid locks according to general requirement (5.7.1) in ISO14119.
• The contact configuration shows the status when the actuator is inserted and the switch is locked.
• Actuators are not supplied with the interlock switch and must be ordered separately.
Monitor Circuit:
24
23
12
11
12
11
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
42
41
A2
A1
42
41
52
51
Monitor Circuit:
Monitor Circuit:
21
22
12
11
Monitor Circuit:
Monitor Circuit:
Door Monitor
(Actuator inserted)
Lock Monitor
Spring lock
→Solenoid OFF
Solenoid lock
→Solenoid ON
(Note)
(Note)
(Note)
Circuit Diagrams and Operating Characteristics
Spring Lock
Interlock Switch Status
Status 1
Status 2
Status 3
Status 4
Door Closed
Machine ready to
operate
Solenoid de-energized
Door Closed
Machine cannot be
operated
Solenoid energized
Door open
Machine cannot be
operated
Solenoid energized
Door open
Machine cannot be
operated
Solenoid de-energized
Door Status
Circuit Example: HS5L-XD4
11 12
42
41
(−)
(+)
A2
A1
(−)
(+)
A2
A1
11 12
42
41
(−)
(+)
A2
A1
42
41
11 12
(−)
(+)
A2
A1
42
41
11 12
Door
Closed (locked)
Closed (unlocked)
Open
Open
42
41
52
51
12
11
(−)
(+)
A2
A1
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
42
41
Door Monitor
(Actuator inserted)
Lock Monitor
(Solenoid OFF)
HS5L-XD4
Monitor Circuit
(door closed)
11-12
Monitor Circuit
(locked)
41-42
HS5L-XH4
Monitor Circuit
(locked)
41-42
Monitor Circuit
(locked)
51-52
Solenoid Power A1-A2 (common to all types) OFF (de-energized)
ON (energized)
ON (energized)
OFF (de-energized)
• The contact configuration shows the status when the actuator is inserted and the
switch is locked.
• Monitor Circuit: Sends monitoring signals of protective door open/closed status
(door monitor) or protective door lock/unlock status (lock monitor).
• For safety circuit input, connect to the monitor circuit with
marking.
When unlocking
manually
Door Closed
Machine cannot be
operated
Solenoid de-energized
Turn the manual
unlock key
(Note)
(−)
(+)
A2
A1
11 12
42
41
Closed (unlocked)
OFF (de-energized)
HS5L Interlock Switches with Solenoid (2-Contact)
Approx. 26.4
Approx. 5.3
Approx. 6.9
Approx. 3.3 (Locked position)
0
(Stroke: mm)
(Actuator Mounting Reference Position)
: Contacts OFF
(open)
: Contacts ON
(closed)
Lock Monitor Circuit (unlocked, NO)
Main Circuit
Door Monitor Circuit (door open, NO)
Lock Monitor Circuit (locked, NC)
Door Monitor Circuit (door closed, NC)
Note: Actuator can be unlocked manually for
confirming the door movement before wiring
and energizing, and also for emergency
situation such as power failure.
• The operation characteristics shown in the chart are for HS9Z-A51.
For other actuators, add 1.3mm.
• See page 21 for HS9Z-BA5.
• The operation characteristics show the contact status when the
actuator enters the entry port of an interlock switch.
Lock Monitor Circuit: 1NC
Lock Monitor Circuit: 2NC
Door Monitor Circuit: 1NC
Door Monitor Circuit: 2NC
Door Monitor Circuit: 1NC,1NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com