Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS5L Datasheet(PDF) 21 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 21 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 16Page - IDEC Corporation HS5L Datasheet HTML 17Page - IDEC Corporation HS5L Datasheet HTML 18Page - IDEC Corporation HS5L Datasheet HTML 19Page - IDEC Corporation HS5L Datasheet HTML 20Page - IDEC Corporation HS5L Datasheet HTML 21Page - IDEC Corporation HS5L Datasheet HTML 22Page - IDEC Corporation HS5L Datasheet HTML 23Page - IDEC Corporation HS5L Datasheet HTML 24Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Rotating the Head
The head can be rotated by removing the four screws from the
corners of the head and reinstalling the head in the desired
orientation. However, when changing the mounting direction of the
head after wiring, turn the manual lock release to the “UNLOCK”
position using the enclosed manual lock release key first. When
reinstalling the head, make sure that no foreign object enters
the interlock switch. Tighten the screws tightly, without leaving a
space between the head and body, otherwise the interlock switch
may malfunction.
(Recommended tightening torque: 0.9 to 1.1 N·m)
Factory SettingHead can be rotated
Head Removal Detection Function
• Solenoid locks interlock switches are not equipped with the head
removal detection function.
• The head removal detection function is available only on spring
lock interlock switches with circuits VB, VD, and DD having two
or more lock monitor circuits. Removing the head will result in
disparity (41-42: OFF, 51-52: ON). Note that this function cannot
be detected with other models.
• Only the lock monitor circuit 41-42 turns off (open) when the
head is removed, such as when the head is rotated. The other
monitor circuit 51-52 turns ON (close). Be sure to connect the
lock monitor circuit (41-42) to a safety circuit.
Spring Loaded Actuator
• When using the actuator, be careful of protruding ends.
• Regardless of door types, do not use the HS9Z-BA5 actuator as
a door lock or a door stop.
• When an operator enters the hazardous zone, take safety
measures such as using a HS9Z-PH5 padlock hasp so that the
operator is not trapped inside and the machine cannot start by
mistake.
• Use the actuator only on sliding
doors. Do not use on hinged doors.
• As shown in the figure on the right,
do not insert the sliding actuator from
below. The actuator may fall out due
to shocks.
• The HS9Z-BA5 actuator can only be
used for HS5L interlock switches. Do
not use the HS9Z-BA5 actuator for
other products.
• Do not modify or disassemble the
actuator.
Installation (when installation reference is 0.8mm)
• The actuator protrudes out when the actuator is not inserted
(door is open) as shown in 1. in the drawing.
• The mounting reference position can be set to 0.8mm when the
actuator is fully inserted and the actuator protrudes up to the
0.8mm line.
Adjustment
Adjustment Procedure
1. Make a hole at A or C.
2. Fasten temporarily with screws, and check the actuator
position.
3. Make a hole at B and fix the actuator using a screw or a rivet.
• 3.3mm line
The mounting reference position is where the door is fully closed,
and there is a 0.8mm space between the safety switch and
HS9Z-BA5, but can be adjusted up to the 3.3mm line.
The actuator is most securely locked when the mounting
reference position is at the 0.8mm line. However, adjust between
0.8 to 3.3mm if the safety switch is mounted on a door where the
space might become smaller.
• Lock limit line
When a door opens by bouncing, if the
lock limit line is outside of the edge of the
interlock switch, the force of the bounce
may be too large so that the door may not
lock.
Safety Precautions
• The maximum gap of the door that can be locked is 16mm.
(When mounting reference is a the 0.8mm line)
• If the safety distance and minimum gap does not satisfy the
requirements of ISO13857, make the gap smaller by overlapping
the doors or by providing sufficient distance from the hazardous
source.
• The operating characteristics may change when the actuator is
used with the HS5L. Check the operating characteristics before
use.
      0
40.2mm
Approx. 10.1mm
Approx. 20.4mm Door open contact ON
Approx. 18.4mm Door close contact OFF
Insert
Pull out
Maximum gap 16mm
Approx.16mm Locking position
When the mounting reference is at the 0.8mm line:
Normal door
closing position
Door close contact ON/
Door open contact OFF
Locking position
Lockable range
Characteristic Diagram (Reference)
∗ Bounce can be tolerated to approximately 16mm.
Actuator
1. Removed
2. When fully inserted
(the door is completely shut)
3. Bounce (door gap)
Bounce tolerance
(Within the
lockable range)
16mm
A
Mounting
reference
0.8mm
HS9Z-BA5
0.8mm line
0.8mm line
Align with the
0.8mm line
Interlock
switch
Lock limit line
Detail view of A
· Drawing of interlock switch and HS9Z-BA5
when the actuator is fully inserted
(when the door is completely shut)
Interlock switch
Interlock switch
A
B
C
3.3mm line
0.8mm
line
Lock limit
line
HS5L Interlock Switches with Solenoid
Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com