Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26S Datasheet (PDF) - STMicroelectronics

LNBH26S Datasheet PDF - STMicroelectronics
Part # LNBH26S
Download  LNBH26S Download
File Size   803.69 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual LNBS supply and control I2C with step-up and IC interface

LNBH26S Datasheet (PDF)

Go To PDF Page Download Datasheet
LNBH26S Datasheet PDF - STMicroelectronics

Part # LNBH26S
Download  LNBH26S Click to download

File Size   803.69 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual LNBS supply and control I2C with step-up and IC interface

LNBH26S Datasheet (HTML) - STMicroelectronics


LNBH26S Product details

Features
• Complete interface between LNB and I²C bus
• Built-in DC-DC converter for single 12 V supply operation and high efficiency
(typ. 93% @ 0.5 A)
• Selectable output current limit by external resistor
• Compliant with main satellite receiver output voltage specification (15
programmable levels)
• Accurate built-in 22 kHz tone generator suits widely accepted standards
• 22 kHz tone waveform integrity guaranteed at no-load condition as well
• Low drop post regulator and high efficiency step-up PWM with integrated power
NMOS allowing low power losses
• LPM function (low power mode) to reduce dissipation
• Overload and overtemperature internal protection with I²C diagnostic bits
• LNB short-circuit dynamic protection
• +/- 4 kV ESD tolerant on output power pins

Description
Intended for analog and digital dual satellite receivers/Sat-TV, and Sat-PC cards, the
LNBH26S is a monolithic voltage regulator and interface IC, assembled in QFN24 4 x
4 specifically designed to provide the 13/18 V power supply and the 22 kHz tone
signaling to the LNB down-converter in the antenna dishes or to the multi-switch box.
In this application field, it offers a complete solution for dual tuner satellite receivers
with extremely low component count, low power dissipation together with simple
design and I²C standard interfacing.

Applications
• STB satellite receivers
• TV satellite receivers
• PC card satellite receivers




Similar Part No. - LNBH26S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH26 STMICROELECTRONICS-LNBH26 Datasheet
1Mb / 38P
Dual LNBS supply and control IC with step-up and I짼C interface
03-Feb-2012
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH26LPQR STMICROELECTRONICS-LNBH26LPQR Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH26LSPQR STMICROELECTRONICS-LNBH26LSPQR Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
More results


Similar Description - LNBH26S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBH23 STMICROELECTRONICS-LNBH23 Datasheet
515Kb / 32P
LNBs supply and control IC with step-up and I²C interface
26-Mar-2008
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
Dual LNB supply and control IC with Step-Up converter and I2C interface
23-Feb-2006
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
LNBH26PQR STMICROELECTRONICS-LNBH26PQR Datasheet
1Mb / 38P
Dual LNBS supply and control IC with step-up and I짼C interface
03-Feb-2012
LNBH24LQTR STMICROELECTRONICS-LNBH24LQTR Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I짼C interface
18-Mar-2010
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH24L STMICROELECTRONICS-LNBH24L Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I²C interface
18-Mar-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com