Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26L Datasheet (PDF) - STMicroelectronics

LNBH26L Datasheet PDF - STMicroelectronics
Part # LNBH26L
Download  LNBH26L Download
File Size   944.3 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Selectable output current limit by external resistor

LNBH26L Datasheet (PDF)

Go To PDF Page Download Datasheet
LNBH26L Datasheet PDF - STMicroelectronics

Part # LNBH26L
Download  LNBH26L Click to download

File Size   944.3 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Selectable output current limit by external resistor

LNBH26L Datasheet (HTML) - STMicroelectronics


LNBH26L Product details

Description
Intended for analog and digital DUAL satellite receivers/Sat-TV, Sat-PC cards, the LNBH26L is a monolithic voltage regulator and interface IC, assembled in QFN24 (4x4) specifically designed to provide the 13 / 18 V power supply and the 22 kHz tone signalling to the LNB down-converter in the antenna dishes or to the multi-switch box. In this application field, it offers a complete solution for dual tuner satellite receivers with an extremely low component count and low power dissipation together with simple design and I²C standard interfacing. QFN24 (4x4 mm)

Features
■ Complete interface between LNB and I²C bus
■ Built-in DC-DC converter for single 12 V supply operation and high efficiency (typ. 93% @ 0.5 A)
■ Selectable output current limit by external resistor
■ Compliant with main satellite receiver output voltage specification (8 programmable levels)
■ Accurate built-in 22 kHz tone generator suits widely accepted standards
■ 22 kHz tone waveform integrity guaranteed also at no load condition
■ Low-drop post regulator and high efficiency step-up PWM with integrated power N-MOS allowing low power losses
■ Overload and overtemperature internal protection with I²C diagnostic bits
■ LNB short-circuit dynamic protection
■ +/- 4 kV ESD tolerant on output power pins

Applications
■ STB satellite receivers
■ TV satellite receivers
■ PC card satellite receivers




Similar Part No. - LNBH26L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH26LS STMICROELECTRONICS-LNBH26LS Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
LNBH26LSPQR STMICROELECTRONICS-LNBH26LSPQR Datasheet
1Mb / 33P
Dual LNBS supply and control IC with step-up and IC interface
December 2013 Rev 1
More results


Similar Description - LNBH26L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
Dual-Output Current Limit Switch
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
Dual-Output Adjustable Current Limit Switch
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
Cycle by cycle peak current limit
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
Adjustable Current with an External Resistor
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
Tunable illumination sensitivity by an external resistor
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
Output Current Limit
logo
STMicroelectronics
LNBH23L STMICROELECTRONICS-LNBH23L Datasheet
504Kb / 25P
Selectable output current limit by external resistor
29-Nov-2010
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
Selectable output current limit by external resistor
15-Feb-2012
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
Selectable output current limit by external resistor
19-Mar-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com