Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26L Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 5Page - STMicroelectronics LNBH26L Datasheet HTML 6Page - STMicroelectronics LNBH26L Datasheet HTML 7Page - STMicroelectronics LNBH26L Datasheet HTML 8Page - STMicroelectronics LNBH26L Datasheet HTML 9Page - STMicroelectronics LNBH26L Datasheet HTML 10Page - STMicroelectronics LNBH26L Datasheet HTML 11Page - STMicroelectronics LNBH26L Datasheet HTML 12Page - STMicroelectronics LNBH26L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LNBH26L
Pin configuration
Doc ID 022876 Rev 1
9/28
3
Pin configuration
Figure 5.
Pin connections (top view)
AM10483v1
GND
GND
DSQIN-B
DSQIN-A
VUP-A
VCC
PGND
GND
LX- B
LX- A
SDA
ISEL
GND
VUP-B
GND
VOUT-B
NC
VOUT-A
GND
BYP
GND
ADDR
GND
SCL
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
12
11
10
19
20
21
22
23
24
Table 2.
Pin description
Pin n°
Symbol
Name
Pin function
3
LX-A
N-Mos drain
Channel A, integrated N-channel Power MOSFET drain.
4
P-GND
Power ground
DC-DC converter power ground. To be connected directly to the
Epad.
5
LX-B
N-Mos drain
Channel B, integrated N-channel Power MOSFET drain.
6
ADDR
Address setting
Two I²C bus addresses available by setting the Address pin
level voltage. See the Address pin characteristics table.
7
SCL
Serial clock
Clock from I²C bus.
8
SDA
Serial data
Bi-directional data from/to I²C bus.
9
ISEL
Current selection for
both channel A and
B
The resistor “RSEL” connected between ISEL and GND defines
the linear regulator current limit threshold. Refer to “output
current limit selection”
Section 2. The RSEL resistor defines the
same current limit both for channels A and B.
1, 2, 12, 13,
15, 18, 19, 23
GND
Analog ground
Analog circuits ground. To be connected directly to the Epad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com