Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26L Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 17Page - STMicroelectronics LNBH26L Datasheet HTML 18Page - STMicroelectronics LNBH26L Datasheet HTML 19Page - STMicroelectronics LNBH26L Datasheet HTML 20Page - STMicroelectronics LNBH26L Datasheet HTML 21Page - STMicroelectronics LNBH26L Datasheet HTML 22Page - STMicroelectronics LNBH26L Datasheet HTML 23Page - STMicroelectronics LNBH26L Datasheet HTML 24Page - STMicroelectronics LNBH26L Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LNBH26L
Electrical characteristics
Doc ID 022876 Rev 1
21/28
8.1
Output voltage selection
Each LNBH26L channel is provided with 8 output voltage levels (4 levels for 13 V range
when VSEL4-A/B=0 and 4 levels for 18 V range when VSEL4-A/B=1) which can be selected
through the register Data1. The following table shows the output voltage values
corresponding to VSELx bit combinations both for channel A and B. If all VSELx are at “0”
the device is set in standby mode and the VOUT-A/B are disabled.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VLP
Low power diagnostic (LPD)
thresholds
VLP threshold rising
7.2
V
VLP threshold falling
6.7
VIL
DSQIN, pin logic low
0.8
V
VIH
DSQIN, pin logic high
2
V
IIH
DSQIN, pin input current
VIH = 5 V
15
µA
IOBK
Output backward current
All VSELx = 0, VOBK = 30 V
-3
-6
mA
ISINK
Output low-side sink current
VOUT forced at VOUT_nom+0.1 V
70
mA
ISINK_TIM
E-OUT
Low-side sink current time-out
VOUT forced at VOUT_nom+0.1 V
10
ms
IREV
Max. reverse current
VOUT forced at VOUT_nom+0.1 V,
after ISINK_TIME-OUT is elapsed.
2mA
TSHDN
Thermal shutdown threshold
150
°C
ΔTSHDN Thermal shutdown hysteresis
15
°C
1.
In applications where (VCC - VOUT) > 1.3 V, the increased power dissipation inside the integrated LDO must be taken into
account in the application thermal management design.
2.
Guaranteed by design.
Table 12.
Electrical characteristics of section A/B (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com