Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26L Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 9Page - STMicroelectronics LNBH26L Datasheet HTML 10Page - STMicroelectronics LNBH26L Datasheet HTML 11Page - STMicroelectronics LNBH26L Datasheet HTML 12Page - STMicroelectronics LNBH26L Datasheet HTML 13Page - STMicroelectronics LNBH26L Datasheet HTML 14Page - STMicroelectronics LNBH26L Datasheet HTML 15Page - STMicroelectronics LNBH26L Datasheet HTML 16Page - STMicroelectronics LNBH26L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LNBH26L
I²C bus interface
Doc ID 022876 Rev 1
13/28
6
I²C bus interface
Data transmission from the main microprocessor to the LNBH26L, and vice versa, takes
place through the 2-wire I²C bus interface, consisting of the 2-line SDA and SCL (pull-up
resistors to positive supply voltage must be externally connected).
6.1
Data validity
As shown in
Figure 7, the data on the SDA line must be stable during the high semi-period
of the clock. The high and low state of the data line can only change when the clock signal
on the SCL line is LOW.
6.2
START and STOP condition
As shown in
Figure 8, a START condition is a high to low transition of the SDA line while
SCL is HIGH. The STOP condition is a low to high transition of the SDA line while SCL is
HIGH. A STOP condition must be sent before each START condition.
6.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSb is transferred first.
6.4
Acknowledge
The master (microprocessor) puts a resistive high level on the SDA line during the
acknowledge clock pulse (see
Figure 9). The peripheral (LNBH26L) which acknowledges
must pull down (LOW) the SDA line during the acknowledge clock pulse, so that the SDA
line is stable low during this clock pulse. The peripheral which has been addressed must
generate an acknowledge after the reception of each byte, otherwise the SDA line remains
at the high level during the ninth clock pulse time. In this case the master transmitter can
generate the STOP information in order to abort the transfer. The LNBH26L won't generate
acknowledge if the VCC supply is below the undervoltage lockout threshold (4.7 V typ.).
6.5
Transmission without acknowledge
If the detection of LNBH26L acknowledge is not necessary, the microprocessor can use a
simpler transmission; it simply waits one clock without checking the slave acknowledging,
and sends the new data. This approach is of course less protected from misworking and
decreases noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com