Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26L Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 18Page - STMicroelectronics LNBH26L Datasheet HTML 19Page - STMicroelectronics LNBH26L Datasheet HTML 20Page - STMicroelectronics LNBH26L Datasheet HTML 21Page - STMicroelectronics LNBH26L Datasheet HTML 22Page - STMicroelectronics LNBH26L Datasheet HTML 23Page - STMicroelectronics LNBH26L Datasheet HTML 24Page - STMicroelectronics LNBH26L Datasheet HTML 25Page - STMicroelectronics LNBH26L Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Electrical characteristics
LNBH26L
22/28
Doc ID 022876 Rev 1
TJ from 0 to 85 °C, VI = 12 V.
TJ from 0 to 85 °C, VI = 12 V.
Table 13.
Output voltage selection table (Data1 register, write mode) (1)
VSEL4-
A/B
VSEL3-
A/B
VSEL2-
A/B
VSEL1-
A/B
VOUT
min.
VOUT -A/B
pin
voltage
VOUT
max.
Function
0000
0
VOUT -A/B disabled. LNBH26L set in
standby mode
0001
12.545
13.000
13.455
0010
12.867
13.333
13.800
0011
13.188
13.667
14.145
0100
13.51
14.000
14.490
1000
17.515
18.150
18.785
1001
17.836
18.483
19.130
1010
18.158
18.817
19.475
1011
18.48
19.150
19.820
1.
TJ from 0 to 85 °C, VI = 12 V.
Table 14.
I²C electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
SDA, SCL
0.8
V
VIH
High level input voltage
SDA, SCL
2
V
IIN
Input current
SDA, SCL, VIN = 0.4 to 4.5 V
-10
10
µA
VOL
Low level output voltage (1) SDA (open drain), IOL = 6 mA
0.6
V
FMAX
Maximum clock frequency
SCL
400
kHz
1.
Guaranteed by design.
Table 15.
Address pin characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VADDR-1
“0001000(R/W)” Address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-2
“0001001(R/W)” Address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com