Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26L Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBH26L
Description  Selectable output current limit by external resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBH26L Datasheet HTML 15Page - STMicroelectronics LNBH26L Datasheet HTML 16Page - STMicroelectronics LNBH26L Datasheet HTML 17Page - STMicroelectronics LNBH26L Datasheet HTML 18Page - STMicroelectronics LNBH26L Datasheet HTML 19Page - STMicroelectronics LNBH26L Datasheet HTML 20Page - STMicroelectronics LNBH26L Datasheet HTML 21Page - STMicroelectronics LNBH26L Datasheet HTML 22Page - STMicroelectronics LNBH26L Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LNBH26L
I²C interface protocol
Doc ID 022876 Rev 1
19/28
7.4
Status registers
The STATUS 1, 2 registers can be addressed only in read mode and provide the diagnostic
functions described in the following tables.
N/A = Reserved bit.
All bits reset to “0” at power-on.
N/A = Reserved bit.
All bits reset to “0” at power-on.
Table 10.
STATUS 1 (read register. Register address = 0X0)
Bit
Name
CH
Value
Description
Bit 0
(LSb)
OLF-A
A
1
VOUT pin overload protection has been triggered (IOUT > IMAX). Refer to Table 8
for the overload operation and PCL settings.
0
No overload protection has been triggered to the VOUT pin (IOUT < IMAX).
Bit 1
OLF-B
B
1
VOUT pin overload protection has been triggered (IOUT > IMAX). Refer to Table 8
for the overload operation and PCL settings.
0
No overload protection has been triggered to VOUT pin (IOUT < IMAX).
Bit 2
N/A
-
-
Reserved
Bit 3
N/A
-
-
Reserved
Bit 4
N/A
-
-
Reserved
Bit 5
N/A
-
-
Reserved
Bit 6
OTF
A/B
1
Junction overtemperature is detected, TJ > 150 °C (typ.). See also THERM bit
setting in
Table 9.
0
Junction overtemperature not detected, TJ <135 °C (typ.). TJ is below thermal
protection threshold.
Bit 7
(MSb)
PNG
A/B
1
Input voltage (VCC pin) lower than LPD minimum thresholds. Refer to Table 12.
0
Input voltage (VCC pin) higher than LPD thresholds. Refer to Table 12.
Table 11.
STATUS 2 (read register. Register address = 0X1)
Bit
Name
CH
Value
Description
Bit 0
(LSb)
N/A
-
-
Reserved
Bit 1
N/A
-
-
Reserved
Bit 2
N/A
-
-
Reserved
Bit 3
N/A
-
-
Reserved
Bit 4
N/A
-
-
Reserved
Bit 5
N/A
-
-
Reserved
Bit 6
N/A
-
-
Reserved
Bit 7
(MSb)
N/A
-
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com