Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFLVDS31AK1 Datasheet (PDF) - STMicroelectronics

RHFLVDS31AK1 Datasheet PDF - STMicroelectronics
Part # RHFLVDS31AK1
Download  RHFLVDS31AK1 Download
File Size   385.23 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard quad LVDS driver

RHFLVDS31AK1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHFLVDS31AK1 Datasheet PDF - STMicroelectronics

Part # RHFLVDS31AK1
Download  RHFLVDS31AK1 Click to download

File Size   385.23 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard quad LVDS driver

RHFLVDS31AK1 Datasheet (HTML) - STMicroelectronics


RHFLVDS31AK1 Product details

Features
• LVDS output
• CMOS input
• Enable/Disable function with high-impedance
• ANSI TIA/EIA-644 compliant
• 400 Mbps (200 MHz)
• Cold spare on all pins
• 3.3 V operating power supply
• 4.8 V absolute rating
• Output voltage: 350 mV on 100-ohm load
• Power consumption: 55 mW at 3.3 V
• Hermetic package

Description
The RHFLVDS31A is a quad, low-voltage, differential signaling (LVDS) driver specifically designed, packaged, and qualified for use in aerospace environments in a low-power and fast point-to-point baseband data transmission standard.
Operating at 3.3 V power supply, the RHFLVDS31A operates over a controlled impedance of 100-ohm transmission media that may be printed circuit board traces, back planes or cables.
The circuit features an internal fail-safe function to ensure a known state in case of floating input. All pins have cold spare buffers to ensure they are in high impedance when VCC is tied to GND.
Designed on ST's proprietary CMOS process with specific mitigation techniques, the RHFLVDS31A achieves “best in the class” for hardness to total ionisation dose and heavy ions.
The RHFLVDS31A can operate over a large temperature range of -55 °C to +125 °C and it is housed in an hermetic Ceramic Flat-16 package.




Similar Part No. - RHFLVDS31AK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
RHFLVDS315K01V STMICROELECTRONICS-RHFLVDS315K01V Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
RHFLVDS315K1 STMICROELECTRONICS-RHFLVDS315K1 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
More results


Similar Description - RHFLVDS31AK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4066 STMICROELECTRONICS-M54HC4066_04 Datasheet
265Kb / 11P
RAD-HARD QUAD BILATERAL SWITCH
14-May-2004
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
01-Jun-2004
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
RAD HARD QUAD EXCLUSIVE OR GATE
01-Jun-2004
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
Rad-hard quad LVDS receiver
21-Oct-2015
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
Rad-hard, dual 4x4 crosspoint switch LVDS
04-Mar-2015
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
Rad-hard, dual 4x4 crosspoint switch LVDS
29-Oct-2013
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
Rad-hard plastic LVDS driver-receiver
15-Jun-2022
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com