Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP15M120F3 Datasheet (PDF) - STMicroelectronics

STGP15M120F3 Datasheet PDF - STMicroelectronics
Part # STGP15M120F3
Download  STGP15M120F3 Download
File Size   429.85 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package

STGP15M120F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGP15M120F3 Datasheet PDF - STMicroelectronics

Part # STGP15M120F3
Download  STGP15M120F3 Click to download

File Size   429.85 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package

STGP15M120F3 Datasheet (HTML) - STMicroelectronics


STGP15M120F3 Product details

Features
• 10 μs of minimum short-circuit withstand time
• VCE(sat) = 1.85 V (typ.) @ IC = 15 A
• Tight parameter distribution
• Positive VCE(sat) temperature coefficient
• Low thermal resistance
• Maximum junction temperature: TJ = 175 °C

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss and
the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.

Applications
• Industrial drives
• UPS
• Solar
• Welding




Similar Part No. - STGP15M120F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP15M65DF2 STMICROELECTRONICS-STGP15M65DF2 Datasheet
900Kb / 17P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
More results


Similar Description - STGP15M120F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGP8M120DF3 STMICROELECTRONICS-STGP8M120DF3 Datasheet
343Kb / 15P
Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
19-Apr-2018
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
STG15M120F3D8 STMICROELECTRONICS-STG15M120F3D8 Datasheet
224Kb / 8P
1200 V, 15 A trench gate field‑stop M series low‑loss IGBT die in D8 packing
18-Jan-2022
STG15M120F3D7 STMICROELECTRONICS-STG15M120F3D7 Datasheet
263Kb / 10P
Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing
16-Aug-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com