Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGYA50M120DF3 Datasheet (PDF) - STMicroelectronics

STGYA50M120DF3 Datasheet PDF - STMicroelectronics
Part # STGYA50M120DF3
Download  STGYA50M120DF3 Download
File Size   2175.94 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package

STGYA50M120DF3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGYA50M120DF3 Datasheet PDF - STMicroelectronics

Part # STGYA50M120DF3
Download  STGYA50M120DF3 Click to download

File Size   2175.94 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package

STGYA50M120DF3 Datasheet (HTML) - STMicroelectronics


STGYA50M120DF3 Product details

Features
• Maximum junction temperature: TJ = 175 °C
• 10 μs of short-circuit withstand time
• Low VCE(sat) = 1.7 V (typ.) @ IC = 50 A
• Tight parameter distribution
• Positive VCE(sat) temperature coefficient
• Low thermal resistance
• Soft- and fast-recovery antiparallel diode

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss
and the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.

Applications
• Industrial drives
• UPS
• Solar inverters
• General purpose inverter




Similar Part No. - STGYA50M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
More results


Similar Description - STGYA50M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
31-Oct-2014
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
31-Oct-2014
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGP15M120F3 STMICROELECTRONICS-STGP15M120F3 Datasheet
429Kb / 15P
Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package
01-Aug-2018
STGP8M120DF3 STMICROELECTRONICS-STGP8M120DF3 Datasheet
343Kb / 15P
Trench gate field-stop, 1200 V, 8 A, low-loss M series IGBT in a TO-220 package
19-Apr-2018
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
STGYA75H120DF2 STMICROELECTRONICS-STGYA75H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT in a Max247 long leads package
13-Oct-2021
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
GWA40MS120DF4AG STMICROELECTRONICS-GWA40MS120DF4AG Datasheet
340Kb / 15P
Automotive-grade trench gate field-stop, 1200 V, 40 A, low-loss MS series IGBT in a TO-247 long leads package
01-Feb-2023
STG50M120F3D7 STMICROELECTRONICS-STG50M120F3D7 Datasheet
243Kb / 10P
Trench gate field-stop 1200 V, 50 A low-loss M series IGBT die in D7 packing
17-Aug-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com