Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWA40MS120DF4AG Datasheet (PDF) - STMicroelectronics

GWA40MS120DF4AG Datasheet PDF - STMicroelectronics
Part # GWA40MS120DF4AG
Download  GWA40MS120DF4AG Download
File Size   340.6 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 1200 V, 40 A, low-loss MS series IGBT in a TO-247 long leads package

GWA40MS120DF4AG Datasheet (PDF)

Go To PDF Page Download Datasheet
GWA40MS120DF4AG Datasheet PDF - STMicroelectronics

Part # GWA40MS120DF4AG
Download  GWA40MS120DF4AG Click to download

File Size   340.6 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 1200 V, 40 A, low-loss MS series IGBT in a TO-247 long leads package

GWA40MS120DF4AG Datasheet (HTML) - STMicroelectronics


GWA40MS120DF4AG Product details

Features
• AEC-Q101 qualified
• 8 μs of short-circuit withstand time at VCC = 800 V, VGE = 15 V,
TJ (start) = 175 °C
• VCE(sat) = 1.95 V (typ.) @ IC = 40 A
• Tight parameter distribution
• Positive VCE(sat) temperature coefficient
• Low thermal resistance

Applications
• Auxiliary loads
• Thermal management
• PTC heaters

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the MS series IGBTs, which represent an
evolution of low-loss M series specifically designed for inverter system thanks to the
outstanding short-circuit capability at high bus voltage value. Furthermore, the slightly
positive VCE(sat) temperature coefficient and very tight parameter distribution result in
safer paralleling operation.




Similar Part No. - GWA40MS120DF4AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GWA30N120KD STMICROELECTRONICS-GWA30N120KD Datasheet
423Kb / 15P
30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
27-Feb-2012
logo
Gamewell-FCI by Honeywe...
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
Audio Command Center Voice Evacuation Control Panel
GWACCZ GAMEWELL-FCI-GWACCZ Datasheet
169Kb / 4P
Zoned Audio Command Center Voice Evacuation Control Panel
logo
IOGEAR
GWAVR4K IOGEAR-GWAVR4K Datasheet
150Kb / 3P
Mini Wireless 4K Screen Sharing
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
Wireless Mobile and PC to HDTV Screen Sharing Receiver
More results


Similar Description - GWA40MS120DF4AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
10-Nov-2014
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA40IH65DF STMICROELECTRONICS-STGWA40IH65DF Datasheet
346Kb / 15P
Trench gate field-stop 650 V, 40 A, soft-switching IH series IGBT in a TO‑247 long leads package
24-Sep-2018
STGWA50IH65DF STMICROELECTRONICS-STGWA50IH65DF Datasheet
313Kb / 14P
Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
15-Apr-2020
STGWA80H65DFBAG STMICROELECTRONICS-STGWA80H65DFBAG Datasheet
280Kb / 14P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
06-Dec-2022
STGWA80H65FBAG STMICROELECTRONICS-STGWA80H65FBAG Datasheet
257Kb / 12P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
16-Feb-2023
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com