Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA50IH65DF Datasheet (PDF) - STMicroelectronics

STGWA50IH65DF Datasheet PDF - STMicroelectronics
Part # STGWA50IH65DF
Download  STGWA50IH65DF Download
File Size   313.32 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package

STGWA50IH65DF Datasheet (PDF)

Go To PDF Page Download Datasheet
STGWA50IH65DF Datasheet PDF - STMicroelectronics

Part # STGWA50IH65DF
Download  STGWA50IH65DF Click to download

File Size   313.32 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package

STGWA50IH65DF Datasheet (HTML) - STMicroelectronics


STGWA50IH65DF Product details

Features
• Designed for soft-commutation only
• Maximum junction temperature: TJ = 175 °C
• VCE(sat) = 1.5 V (typ.) @ IC = 50 A
• Minimized tail current
• Tight parameter distribution
• Low thermal resistance
• Low voltage drop freewheeling co-packaged diode
• Positive VCE(sat) temperature coefficient

Applications
• Induction heating
• Resonant converters
• Microwave ovens

Description
The newest IGBT 650 V soft-switching IH series has been developed using an
advanced proprietary trench gate field-stop structure, whose performance is
optimized both in conduction and switching losses for soft commutation. A
freewheeling diode with a low drop forward voltage is included. The result is a
product specifically designed to maximize efficiency for any resonant and softswitching
applications.




Similar Part No. - STGWA50IH65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
More results


Similar Description - STGWA50IH65DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW28IH125DF STMICROELECTRONICS-STGW28IH125DF Datasheet
1Mb / 17P
1250 V, 30 A IH series trench gate field-stop IGBT
03-Feb-2014
STGWA20HP65FB2 STMICROELECTRONICS-STGWA20HP65FB2 Datasheet
373Kb / 15P
Trench gate field-stop, 650 V, 20 A, high-speed HB2 series IGBT in a TO‑247 long leads package
11-May-2020
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA40IH65DF STMICROELECTRONICS-STGWA40IH65DF Datasheet
346Kb / 15P
Trench gate field-stop 650 V, 40 A, soft-switching IH series IGBT in a TO‑247 long leads package
24-Sep-2018
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA75H65DFB2 STMICROELECTRONICS-STGWA75H65DFB2 Datasheet
560Kb / 15P
Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
13-Feb-2020
STGWA80H65DFBAG STMICROELECTRONICS-STGWA80H65DFBAG Datasheet
280Kb / 14P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
06-Dec-2022
STGWA80H65FBAG STMICROELECTRONICS-STGWA80H65FBAG Datasheet
257Kb / 12P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
16-Feb-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com