Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA75H65DFB2 Datasheet (PDF) - STMicroelectronics

STGWA75H65DFB2 Datasheet PDF - STMicroelectronics
Part # STGWA75H65DFB2
Download  STGWA75H65DFB2 Download
File Size   560.04 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package

STGWA75H65DFB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGWA75H65DFB2 Datasheet PDF - STMicroelectronics

Part # STGWA75H65DFB2
Download  STGWA75H65DFB2 Click to download

File Size   560.04 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package

STGWA75H65DFB2 Datasheet (HTML) - STMicroelectronics


STGWA75H65DFB2 Product details

Features
• Maximum junction temperature: TJ = 175 °C
• Low VCE(sat) = 1.55 V(typ.) @ IC = 75 A
• Very fast and soft recovery co-packaged diode
• Minimized tail current
• Tight parameter distribution
• Low thermal resistance
• Positive VCE(sat) temperature coefficient

Applications
• Welding
• Power factor correction
• UPS
• Solar inverters
• Chargers

Description
The newest IGBT 650 V HB2 series represents an evolution of the advanced
proprietary trench gate field-stop structure. The performance of the HB2 series is
optimized in terms of conduction, thanks to a better VCE(sat) behavior at low current
values, as well as in terms of reduced switching energy. A very fast soft recovery
diode is co-packaged in antiparallel with the IGBT. The result is a product specifically
designed to maximize efficiency for a wide range of fast applications.




Similar Part No. - STGWA75H65DFB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA75M65DF2 STMICROELECTRONICS-STGWA75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
More results


Similar Description - STGWA75H65DFB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB50H65FB2 STMICROELECTRONICS-STGB50H65FB2 Datasheet
450Kb / 16P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a D²PAK package
21-May-2020
STGWA20HP65FB2 STMICROELECTRONICS-STGWA20HP65FB2 Datasheet
373Kb / 15P
Trench gate field-stop, 650 V, 20 A, high-speed HB2 series IGBT in a TO‑247 long leads package
11-May-2020
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA40IH65DF STMICROELECTRONICS-STGWA40IH65DF Datasheet
346Kb / 15P
Trench gate field-stop 650 V, 40 A, soft-switching IH series IGBT in a TO‑247 long leads package
24-Sep-2018
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA50IH65DF STMICROELECTRONICS-STGWA50IH65DF Datasheet
313Kb / 14P
Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
15-Apr-2020
STGWA80H65DFBAG STMICROELECTRONICS-STGWA80H65DFBAG Datasheet
280Kb / 14P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
06-Dec-2022
STGWA80H65FBAG STMICROELECTRONICS-STGWA80H65FBAG Datasheet
257Kb / 12P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
16-Feb-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com