Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGB50H65FB2 Datasheet (PDF) - STMicroelectronics

STGB50H65FB2 Datasheet PDF - STMicroelectronics
Part # STGB50H65FB2
Download  STGB50H65FB2 Download
File Size   450.16 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a D²PAK package

STGB50H65FB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGB50H65FB2 Datasheet PDF - STMicroelectronics

Part # STGB50H65FB2
Download  STGB50H65FB2 Click to download

File Size   450.16 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a D²PAK package

STGB50H65FB2 Datasheet (HTML) - STMicroelectronics


STGB50H65FB2 Product details

Features
• Maximum junction temperature: TJ = 175 °C
• Low VCE(sat) = 1.55 V(typ.) @ IC = 50 A
• Minimized tail current
• Tight parameter distribution
• Low thermal resistance
• Positive VCE(sat) temperature coefficient

Applications
• Welding
• Power factor correction
• UPS
• Solar inverters
• Chargers

Description
The newest IGBT 650 V HB2 series represents an evolution of the advanced
proprietary trench gate field-stop structure. The performance of the HB2 series is
optimized in terms of conduction, thanks to a better VCE(sat) behavior at low current
values, as well as in terms of reduced switching energy. The result is a product
specifically designed to maximize efficiency for a wide range of fast applications.




Similar Part No. - STGB50H65FB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
More results


Similar Description - STGB50H65FB2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50T65UPD FAIRCHILD-FGH50T65UPD Datasheet
344Kb / 10P
650 V, 50 A Field Stop Trench IGBT
logo
ON Semiconductor
AFGHL50T65SQ ONSEMI-AFGHL50T65SQ Datasheet
244Kb / 8P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
logo
STMicroelectronics
STGWA20HP65FB2 STMICROELECTRONICS-STGWA20HP65FB2 Datasheet
373Kb / 15P
Trench gate field-stop, 650 V, 20 A, high-speed HB2 series IGBT in a TO‑247 long leads package
11-May-2020
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA75H65DFB2 STMICROELECTRONICS-STGWA75H65DFB2 Datasheet
560Kb / 15P
Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
13-Feb-2020
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
04-Apr-2017
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com