Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGYA120M65DF2AG Datasheet (PDF) - STMicroelectronics

STGYA120M65DF2AG Datasheet PDF - STMicroelectronics
Part # STGYA120M65DF2AG
Download  STGYA120M65DF2AG Download
File Size   2186.39 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package

STGYA120M65DF2AG Datasheet (PDF)

Go To PDF Page Download Datasheet
STGYA120M65DF2AG Datasheet PDF - STMicroelectronics

Part # STGYA120M65DF2AG
Download  STGYA120M65DF2AG Click to download

File Size   2186.39 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package

STGYA120M65DF2AG Datasheet (HTML) - STMicroelectronics


STGYA120M65DF2AG Product details

Features
• AEC-Q101 qualified
• 6 μs of short-circuit withstand time
• VCE(sat) = 1.65 V (typ.) @ IC = 120 A
• Tight parameter distribution
• Safer paralleling
• Positive VCE(sat) temperature coefficient
• Low thermal resistance
• Soft and very fast recovery antiparallel diode
• Maximum junction temperature: TJ = 175 °C

Applications
• Heating system
• HV battery disconnect and fire-off system
• Main inverter (electric traction)

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss
and the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.




Similar Part No. - STGYA120M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
More results


Similar Description - STGYA120M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
11-Apr-2017
STGYA50H120DF2 STMICROELECTRONICS-STGYA50H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, high-speed H series IGBT in a Max247 long leads package
12-Jan-2022
STGYA50M120DF3 STMICROELECTRONICS-STGYA50M120DF3 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 50 A, low-loss M series IGBT in a Max247 long leads package
01-Oct-2021
STGYA75H120DF2 STMICROELECTRONICS-STGYA75H120DF2 Datasheet
2Mb / 15P
Trench gate field-stop, 1200 V, 75 A, high-speed H series IGBT in a Max247 long leads package
13-Oct-2021
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
STGSB200M65DF2AG STMICROELECTRONICS-STGSB200M65DF2AG Datasheet
572Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
29-Nov-2021
GWA40MS120DF4AG STMICROELECTRONICS-GWA40MS120DF4AG Datasheet
340Kb / 15P
Automotive-grade trench gate field-stop, 1200 V, 40 A, low-loss MS series IGBT in a TO-247 long leads package
01-Feb-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com