Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGSB200M65DF2AG Datasheet (PDF) - STMicroelectronics

STGSB200M65DF2AG Datasheet PDF - STMicroelectronics
Part # STGSB200M65DF2AG
Download  STGSB200M65DF2AG Download
File Size   572.21 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package

STGSB200M65DF2AG Datasheet (PDF)

Go To PDF Page Download Datasheet
STGSB200M65DF2AG Datasheet PDF - STMicroelectronics

Part # STGSB200M65DF2AG
Download  STGSB200M65DF2AG Click to download

File Size   572.21 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package

STGSB200M65DF2AG Datasheet (HTML) - STMicroelectronics


STGSB200M65DF2AG Product details

Features
• AEC-Q101 qualified
• 6 μs of minimum short-circuit withstand time
• VCE(sat) = 1.65 V (typ.) @ IC = 200 A
• Tight parameter distribution
• Positive VCE(sat) temperature coefficient
• Low thermal resistance
• Maximum junction temperature: TJ = 175 °C
• Dice on direct bond copper (DBC) substrate
• Isolation rating of 3400 Vrms/min
• UL recognition: UL 1557 file E81734

Applications
• Traction inverter

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop
structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss
and the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation. Thanks to the DBC substrate, the ACEPACK SMIT surface mounting
power package offers a low thermal resistance coupled with a electrical isolated top
side thermal pad.




Similar Part No. - STGSB200M65DF2AG

ManufacturerPart #DatasheetDescription
logo
Eravant
STG-06-S1 ERAVANT-STG-06-S1 Datasheet
372Kb / 4P
D-Band Noise Figure and Gain Test Extenders
Rev 1.7
STG-08-S1 ERAVANT-STG-08-S1 Datasheet
376Kb / 4P
F-Band Noise Figure and Gain Test Extenders
Rev 1.7
logo
WiTTRA Networks AB
STG-10 WITTRA-STG-10 Datasheet
504Kb / 4P
WITTRA™ IOT OUT OF THE BOX
ISS.1 23/03/2020
logo
Eravant
STG-12-S1 ERAVANT-STG-12-S1 Datasheet
381Kb / 4P
E-Band Noise Figure and Gain Test Extenders
Rev 1.5
STG-15-S1 ERAVANT-STG-15-S1 Datasheet
380Kb / 4P
V-Band Noise Figure and Gain Test Extenders
Rev 1.55
More results


Similar Description - STGSB200M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STG200M65F2D8AG STMICROELECTRONICS-STG200M65F2D8AG Datasheet
292Kb / 11P
Automotive-grade 650 V, 200 A trench gate field-stop M series low-loss IGBT die in D8 packing
04-May-2021
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com