Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGSB200M65DF2AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 2 Page - STMicroelectronics

  STGSB200M65DF2AG Datasheet HTML 1Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 2Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 3Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 4Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 5Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 6Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
650
V
IC
Continuous collector current at TC = 25 °C
216 (1)
A
Continuous collector current at TC = 100 °C
200
ICP (2)(3)
Pulsed collector current
700
A
VGE
Gate-emitter voltage
±20
V
Transient gate-emitter voltage (tp ≤ 10 μs)
±30
IF(1)
Continuous forward current at TC = 25 °C
138
A
Continuous forward current at TC = 100 °C
138
IFP(2)(3)
Pulse forward current
700
A
VISO
Isolation withstand voltage applied between each pin and heat sink plate
(AC voltage 50/60 Hz, t = 60 s)
3400
Vrms
PTOT
Total power dissipation at TC = 25 °C
714
W
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
-55 to 175
°C
1. Limited by wires.
2. Specified by design, not tested in production.
3. Pulse width is limited by maximum junction temperature.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case, IGBT
0.21
°C/W
Thermal resistance, junction-to-case, diode
0.36
STGSB200M65DF2AG
Electrical ratings
DS13367 - Rev 3
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com