Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGSB200M65DF2AG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGSB200M65DF2AG Datasheet HTML 7Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 14Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
4.1
ACEPACK SMIT package information
Figure 30. ACEPACK SMIT package outline
DM00447519_Rev.6
STGSB200M65DF2AG
Package information
DS13367 - Rev 3
page 11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com