Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGSB200M65DF2AG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 14Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 15Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 16Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
4.2
ACEPACK SMIT packing information
Figure 33. ACEPACK SMIT tape outline
DM00631393_Tape_Rev.1
Note:
Dimensions in mm.
STGSB200M65DF2AG
ACEPACK SMIT packing information
DS13367 - Rev 3
page 14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com