Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGSB200M65DF2AG Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGSB200M65DF2AG
Description  Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGSB200M65DF2AG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGSB200M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 14Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 15Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 16Page - STMicroelectronics STGSB200M65DF2AG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
24-Aug-2020
1
First release.
30-Oct-2020
2
Updated package silhouette in cover page.
Updated Absolute maximum ratings, Table 2. Thermal data, Table 4. Dynamic
characteristics and Table 5. Switching characteristics (inductive load).
Updated Figure 16. Switching energy vs gate resistance and Section 3 Test circuits.
Minor text changes.
29-Nov-2021
3
Modified Table 3. Static characteristics and Figure 10. Diode VF vs forward current.
Updated Figure 31. ACEPACK SMIT recommended footprint.
Minor text changes.
STGSB200M65DF2AG
DS13367 - Rev 3
page 15/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com