Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-511P8 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-511P8 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-511P8
Download  ATF-511P8 Download
File Size   140.33 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity Enhancement Mode

ATF-511P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-511P8 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-511P8
Download  ATF-511P8 Click to download

File Size   140.33 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity Enhancement Mode

ATF-511P8 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-511P8 Product details

Description
Agilent Technologies’s ATF-511P8 is a single-voltage high linearity, low noise E-pHEMT housed in an 8-lead JEDEC-standard leadless plastic chip carrier (LPCC[3]) package. The device is ideal as a high linearity, low-noise, medium-power amplifier. Its operating frequency range is from 50 MHz to 6 GHz.

Features
• Single voltage operation
• High linearity and P1dB
• Low noise figure
• Excellent uniformity in product specifications
• Small package size: 2.0 x 2.0 x 0.75 mm
• Point MTTF > 300 years [2]
• MSL-1 and lead-free
• Tape-and-reel packaging option available

Specifications
2 GHz; 4.5V, 200 mA (Typ.)
• 41.7 dBm output IP3
• 30 dBm output power at 1 dB gain compression
• 1.4 dB noise figure
• 14.8 dB gain
• 12.1 dB LFOM [4]
• 69% PAE

Applications
• Front-end LNA Q2 and Q3 driver or pre-driver amplifier for Cellular/ PCS and WCDMA wireless infrastructure
• Driver amplifier for WLAN, WLL/RLL and MMDS applications
• General purpose discrete E-pHEMT for other high linearity applications




Similar Part No. - ATF-511P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Similar Description - ATF-511P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
High Linearity Enhancement Mode
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode
ATF-52189 AVAGO-ATF-52189 Datasheet
425Kb / 19P
High Linearity Mode Enhancement
logo
Broadcom Corporation.
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
High Linearity Mode[1] Enhancement
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com