Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-511P8 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ATF-511P8 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ATF-511P8
Download  ATF-511P8 Download
File Size   472.51 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity Enhancement Mode

ATF-511P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-511P8 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ATF-511P8
Download  ATF-511P8 Click to download

File Size   472.51 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity Enhancement Mode

ATF-511P8 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ATF-511P8 Product details

Description
Avago Technologies’s ATF-511P8 is a single-voltage high linearity, low noise E-pHEMT housed in an 8-lead JEDECstandard leadless plastic chip carrier (LPCC [3]) package. The device is ideal as a high linearity, low-noise, medium-power amplifier. Its operating frequency range is from 50 MHz to 6 GHz.
The thermally efficient package measures only 2 mm x 2 mm x 0.75 mm. Its backside metalization provides excellent thermal dissipation as well as visual evidence of solder reflow. The device has a Point MTTF of over 300 years at a mounting temperature of +85°C. All devices are 100% RF & DC tested.

Features
 • Single voltage operation
 • High linearity and P1dB
 • Low noise figure
 • Excellent uniformity in product specifications
 • Small package size: 2.0 x 2.0 x 0.75 mm
 • Point MTTF > 300 years [2]
 • MSL-1 and lead-free
 • Tape-and-reel packaging option available

Specifi cations
2 GHz; 4.5V, 200 mA (Typ.)
 • 41.7 dBm output IP3
 • 30 dBm output power at 1 dB gain compression
 • 1.4 dB noise figure
 • 14.8 dB gain
 • 12.1 dB LFOM [4]
 • 69% PAE

Applications
 • Front-end LNA Q2 and Q3 driver or pre-driver amplifier for Cellular/PCS and WCDMA wireless infrastructure
 • Driver amplifier for WLAN, WLL/RLL and MMDS applications
 • General purpose discrete E-pHEMT for other high linearity applications




Similar Part No. - ATF-511P8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-511P8 HP-ATF-511P8 Datasheet
140Kb / 16P
High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-511P8-BLK HP-ATF-511P8-BLK Datasheet
140Kb / 16P
High Linearity Enhancement Mode
ATF-511P8-TR1 HP-ATF-511P8-TR1 Datasheet
140Kb / 16P
High Linearity Enhancement Mode
ATF-511P8-TR2 HP-ATF-511P8-TR2 Datasheet
140Kb / 16P
High Linearity Enhancement Mode
More results


Similar Description - ATF-511P8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-511P8 HP-ATF-511P8 Datasheet
140Kb / 16P
High Linearity Enhancement Mode
logo
AVAGO TECHNOLOGIES LIMI...
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
High Linearity Enhancement Mode
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode
ATF-52189 AVAGO-ATF-52189 Datasheet
425Kb / 19P
High Linearity Mode Enhancement
logo
Broadcom Corporation.
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
High Linearity Mode[1] Enhancement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com