Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-511P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-511P8
Description  High Linearity Enhancement Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-511P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-511P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-511P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ATF-511P8 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
VDS
Drain–Source Voltage[2]
V
7
VGS
Gate–Source Voltage[2]
V
-5 to 1
VGD
Gate Drain Voltage[2]
V
-5 to 1
IDS
Drain Current[2]
A
1
IGS
Gate Current
mA
46
Pdiss
Total Power Dissipation[3]
W
3
Pin max.
RF Input Power[4]
dBm
+30
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150

ch_b
Thermal Resistance[5]
°C/W
33
Notes:
1. Operation of this device in excess of any one
of these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. Board (package belly) temperatureTB is
25°C. Derate 30 mW/°C for TB > 50°C.
4. With 10 Ohm series resistor in gate supply
and 3:1 VSWR.
5. Channel-to-board
thermal
resistance
measured
using
150°C
Liquid
Crystal
Measurement method.
6. Device can safely handle +30dBm RF Input
Power provided IGS limited to 46mA. IGS at
P1dB drive level is bias circuit dependent.
Product Consistency Distribution Charts at 2 GHz, 4.5V, 200 mA[6,7]
OIP3 (dBm)
Figure 2. OIP3 LSL = 38.5, Nominal = 41.7.
35
41
38
44
47
240
200
160
120
80
40
0
Cpk = 1.66
Stdev = 0.6
-3 Std
+3 Std
P1dB (dBm)
Figure 3. P1dB LSL = 28.5, Nominal = 30.
28
30
29
31
200
160
120
80
40
0
Cpk = 3.24
Stdev = 0.15
-3 Std
+3 Std
GAIN (dB)
Figure 4. Gain LSL = 13.5,
Nominal = 14.8, USL = 16.5.
13
15
14
16
17
150
120
90
60
30
0
Cpk = 1.4
Stdev = 0.31
-3 Std
+3 Std
Notes:
6. Distribution data sample size is 400 samples taken from 4 different
wafers and 3 different lots. Future wafers allocated to this product
may have nominal values anywhere between the upper and lower
limits.
Figure 1. Typical I-V Curves (Vgs = 0.1 per step).
VDS (V)
1000
900
800
700
600
500
400
300
200
100
0
02
4
6
8
0.8 V
0.7 V
0.5 V
0.6 V
PAE (%)
Figure 5. PAE LSL = 52, Nominal = 68.9.
52
62
57
67
72
77
82
160
120
80
40
0
Cpk = 3.03
Stdev = 1.85
-3 Std
+3 Std
7. Measurements are made on production test board, which represents
a trade-off between optimal OIP3, P1dB and VSWR. Circuit losses
have been de-embedded from actual measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com