Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1615 Datasheet (PDF) - Stanson Technology

2SA1615 Datasheet PDF - Stanson Technology
Part # 2SA1615
Download  2SA1615 Download
File Size   187.76 Kbytes
Page   4 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description P TYPE TTANSISTORS

2SA1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1615 Datasheet PDF - Stanson Technology

Part # 2SA1615
Download  2SA1615 Click to download

File Size   187.76 Kbytes
Page   4 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description P TYPE TTANSISTORS

2SA1615 Datasheet (HTML) - Stanson Technology


2SA1615 Product details

P TYPE TTANSISTORS -10A

The 2SA1615 and 1615-Z are available for the large current control in small due to the low saturation and are ideal for high-efficiency DC/DC converters due to the fast switching speed.

FEATURE
● Large current capacity:
   Ic(DC): -10A, Ic(pulse) : -15A
● High hFE and low collector saturation voltage :
   hFE = 200 MIN (@Vec = -2V, Ic = -0.5A)
   VCE(sat) -0.25V (@Ic = -4.0A, IB = -0.05A)






Similar Part No. - 2SA1615

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1615 NEC-2SA1615 Datasheet
118Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Jiangsu Changjiang Elec...
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615 Datasheet
238Kb / 7P
SILICON POWER TRANSISTOR
2002
logo
Inchange Semiconductor ...
2SA1615 ISC-2SA1615 Datasheet
323Kb / 3P
Silicon PNP Power Transistor
More results


Similar Description - 2SA1615

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
SILICON P CHANNEL MOS TYPE
2SJ167 TOSHIBA-2SJ167_07 Datasheet
516Kb / 5P
Silicon P Channel MOS Type
2SJ168 TOSHIBA-2SJ168_07 Datasheet
557Kb / 5P
Silicon P Channel MOS Type
2SJ347 TOSHIBA-2SJ347_07 Datasheet
556Kb / 5P
Silicon P Channel MOS Type
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
P-TYPE LASER DIODE DRIVER
logo
New Jersey Semi-Conduct...
2N404 NJSEMI-2N404 Datasheet
141Kb / 1P
JUNCTION TRANSISTOR Germanium p-n-p Alloy Type
logo
M/A-COM Technology Solu...
MSS39-XXX-X MA-COM-MSS39-XXX-X Datasheet
685Kb / 5P
P-Type Silicon Schottky Diodes
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
P-TYPE LASER DIODE DRIVER
logo
Ningbo songle relay co....
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
670Kb / 2P
SIngle-component type 4 P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com