Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1615 Datasheet (PDF) - NEC

2SA1615 Datasheet PDF - NEC
Part # 2SA1615
Download  2SA1615 Download
File Size   118.88 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

2SA1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1615 Datasheet PDF - NEC

Part # 2SA1615
Download  2SA1615 Click to download

File Size   118.88 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

2SA1615 Datasheet (HTML) - NEC


2SA1615 Product details

PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING

The 2SA1615 and 1615-Z are available for the large current control in small dimension due to the low saturation and are ideal for high-efficiency DC/DC converters due to the fast switching speed.

FEATURES
• Large current capacity:
   IC(DC): −10 A, IC(pulse): −15 A
• High hFE and low collector saturation voltage:
   hFE = 200 MIN. (@VCE = −2.0 V, IC = −0.5 A)
   VCE(sat) ≤ −0.25 V (@IC = −4.0 A, IB = −0.05 A)




Similar Part No. - 2SA1615

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
2SA1615 STANSON-2SA1615 Datasheet
187Kb / 4P
P TYPE TTANSISTORS
logo
Jiangsu Changjiang Elec...
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615 Datasheet
238Kb / 7P
SILICON POWER TRANSISTOR
2002
logo
Inchange Semiconductor ...
2SA1615 ISC-2SA1615 Datasheet
323Kb / 3P
Silicon PNP Power Transistor
More results


Similar Description - 2SA1615

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
PNP Silicon Epitaxial Transistor for High-speed Switching
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com