Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5L051K4CB4 Datasheet (PDF) - STMicroelectronics

RF5L051K4CB4 Datasheet PDF - STMicroelectronics
Part # RF5L051K4CB4
Download  RF5L051K4CB4 Download
File Size   1151.39 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor

RF5L051K4CB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5L051K4CB4 Datasheet PDF - STMicroelectronics

Part # RF5L051K4CB4
Download  RF5L051K4CB4 Click to download

File Size   1151.39 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor

RF5L051K4CB4 Datasheet (HTML) - STMicroelectronics


RF5L051K4CB4 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Large positive and negative gate-source voltage range for improved class C
operation
• On chip RC network enable high stability and ruggedness
• Excellent thermal stability, low HCI drift
• In compliance with the european directive 2002/95/EC

Description
The RF5L051K4CB4 is a 1400 W, 50 V, high performance, unmatched LDMOS FET,
designed for wideband commercial and industrial applications in the frequency range
from HF to 500 MHz. It can be used for both CW and pulse application. It is featured
for high power and high ruggedness, suitable for industrial, scientific and medical
application, as well as FM radio, VHF TV and aerospace applications.

Applications
• 30-88 MHz/136-174 MHz ground communication
• 1.6-30 MHz HF transceiver
• Plasma generator
• Particle accelerator
• FM and VHF TV broadcast




Similar Part No. - RF5L051K4CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
More results


Similar Description - RF5L051K4CB4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L051K5CB4 STMICROELECTRONICS-RF5L051K5CB4 Datasheet
1Mb / 12P
1500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
04-Oct-2021
RF5L05750CF2 STMICROELECTRONICS-RF5L05750CF2 Datasheet
1Mb / 12P
750 W, 50 V, HF to 500 MHz RF power LDMOS transistor
22-Dec-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
RF5L1214750CB4 STMICROELECTRONICS-RF5L1214750CB4 Datasheet
2Mb / 12P
750 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
22-Sep-2021
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
STAC1214-350 STMICROELECTRONICS-STAC1214-350 Datasheet
330Kb / 12P
350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
04-Aug-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com