Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC1214-350 Datasheet (PDF) - STMicroelectronics

STAC1214-350 Datasheet PDF - STMicroelectronics
Part # STAC1214-350
Download  STAC1214-350 Download
File Size   330.56 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor

STAC1214-350 Datasheet (PDF)

Go To PDF Page Download Datasheet
STAC1214-350 Datasheet PDF - STMicroelectronics

Part # STAC1214-350
Download  STAC1214-350 Click to download

File Size   330.56 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor

STAC1214-350 Datasheet (HTML) - STMicroelectronics


STAC1214-350 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Internal input matching for ease of use
• Large positive and negative gate/source voltage range for improved class C
operation
• In compliance with the European Directive 2002/95/EC

Description
The STAC1214-350 is a 50 V common-source N-channel enhancement-mode lateral
field-effect RF power transistor designed for L-band radar applications.

Applications
• L-band radars




Similar Part No. - STAC1214-350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC1011-350 STMICROELECTRONICS-STAC1011-350 Datasheet
789Kb / 14P
Excellent thermal stability
20-May-2014
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
More results


Similar Description - STAC1214-350

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA123501EFC INFINEON-PTVA123501EFC_16 Datasheet
1Mb / 14P
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
PTVA123501EC CREE-PTVA123501EC Datasheet
753Kb / 14P
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
PTVA127002EV CREE-PTVA127002EV Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 ??1400 MHz
logo
STMicroelectronics
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L1214750CB4 STMICROELECTRONICS-RF5L1214750CB4 Datasheet
2Mb / 12P
750 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
22-Sep-2021
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
PTVA127002EV WOLFSPEED-PTVA127002EV Datasheet
691Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
Rev. 05, 2023-07-10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com