Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD051-1BF4 Datasheet (PDF) - STMicroelectronics

ESD051-1BF4 Datasheet PDF - STMicroelectronics
Part # ESD051-1BF4
Download  ESD051-1BF4 Download
File Size   420.67 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V low clamping single line bidirectional ESD protection

ESD051-1BF4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD051-1BF4 Datasheet PDF - STMicroelectronics

Part # ESD051-1BF4
Download  ESD051-1BF4 Click to download

File Size   420.67 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V low clamping single line bidirectional ESD protection

ESD051-1BF4 Datasheet (HTML) - STMicroelectronics


ESD051-1BF4 Product details

Features
• Low clamping voltage:
– 11 V (IEC 61000-4-2 contact discharge at 30 ns)
• Bidirectional diode
• Low leakage current
• ST0201 package
• Complies with the following standards: IEC 61000-4-2 level 4 (exceeds level 4)
– ±30 kV (air discharge)
– ±30 kV (contact discharge)

Description
The ESD051-1BF4 is a bidirectional single line TVS diode designed to protect the
power line against EOS and ESD transients.
The device is ideal for applications where board space saving is required.

Application
Where transient over voltage protection in ESD sensitive equipment is required, such
as:
• Smartphones, mobile phones and accessories
• Tablet, PC, netbooks and notebooks
• Portable multimedia devices and accessories
• Digital cameras and camcorders
• Communication and highly integrated systems




Similar Part No. - ESD051-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESD051-1F4 STMICROELECTRONICS-ESD051-1F4 Datasheet
553Kb / 10P
Low clamping single line unidirectional ESD
02-Jul-2018
More results


Similar Description - ESD051-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDAVLC5-1BF4 STMICROELECTRONICS-ESDAVLC5-1BF4 Datasheet
282Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
15-Oct-2015
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
Low clamping single line bidirectional ESD protection
08-Apr-2014
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
Low clamping and ultra low capacitance single line bidirectional ESD protection
03-Jun-2014
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
30-Nov-2016
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
ESDL031-1BF4 STMICROELECTRONICS-ESDL031-1BF4 Datasheet
449Kb / 11P
3.3 V ultra-low clamping single line bidirectional ESD protection
24-Sep-2019
ESDZV201-1BF4 STMICROELECTRONICS-ESDZV201-1BF4 Datasheet
453Kb / 11P
20 V low clamping, low capacitance single line bidirectional ESD protection
07-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com