Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDZV201-1BF4 Datasheet (PDF) - STMicroelectronics

ESDZV201-1BF4 Datasheet PDF - STMicroelectronics
Part # ESDZV201-1BF4
Download  ESDZV201-1BF4 Download
File Size   453.53 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 V low clamping, low capacitance single line bidirectional ESD protection

ESDZV201-1BF4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDZV201-1BF4 Datasheet PDF - STMicroelectronics

Part # ESDZV201-1BF4
Download  ESDZV201-1BF4 Click to download

File Size   453.53 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20 V low clamping, low capacitance single line bidirectional ESD protection

ESDZV201-1BF4 Datasheet (HTML) - STMicroelectronics


ESDZV201-1BF4 Product details

Features
• Low clamping voltage: 31 V at 16 A IPP TLP
• Bidirectional device
• Stand-off voltage: 20 V
• 0201 thin package PCB area: 0.18 mm2
• Complies with the following standards: IEC 61000-4-2 level 4
– ±30 kV (air discharge)
– ±18 kV (contact discharge)
• ECOPACK2 compliant component

Application
Where transient over voltage protection in ESD sensitive equipment is required, such
as:
• Smartphones, mobile phones and accessories
• Tablet and notebooks
• Portable multimedia devices and accessories
• Wearable, home automation, healthcare
• Highly integrated systems

Description
The ESDZV201-1BF4 is a bidirectional single line TVS diode designed to protect the
data line or other I/O ports against ESD transients.
The device is ideal for applications where both reduced line capacitance and board
space saving are required.




Similar Part No. - ESDZV201-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
logo
Shanghai Leiditech Elec...
ESDZV5-1BF4 LEIDITECH-ESDZV5-1BF4 Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
STMicroelectronics
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
ESDZV5-1BV2 STMICROELECTRONICS-ESDZV5-1BV2 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - ESDZV201-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDAVLC5-1BF4 STMICROELECTRONICS-ESDAVLC5-1BF4 Datasheet
282Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
15-Oct-2015
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
Low clamping single line bidirectional ESD protection
08-Apr-2014
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
Low clamping and ultra low capacitance single line bidirectional ESD protection
03-Jun-2014
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
30-Nov-2016
ESDZL5-1F4 STMICROELECTRONICS-ESDZL5-1F4 Datasheet
445Kb / 9P
Low clamping, low capacitance unidirectional single line ESD protection
17-Aug-2017
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
ESD051-1BF4 STMICROELECTRONICS-ESD051-1BF4 Datasheet
420Kb / 10P
5 V low clamping single line bidirectional ESD protection
29-Apr-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com