Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet (PDF) - Silicon Supplies

74ACT3301 Datasheet PDF - Silicon Supplies
Part # 74ACT3301_V01
Download  74ACT3301 Download
File Size   1276.91 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Monolithic crystal controlled CMOS oscillator in bare die f o r m

74ACT3301 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT3301 Datasheet PDF - Silicon Supplies

Part # 74ACT3301_V01
Download  74ACT3301 Click to download

File Size   1276.91 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Monolithic crystal controlled CMOS oscillator in bare die f o r m

74ACT3301 Datasheet (HTML) - Silicon Supplies


74ACT3301 Product details

Description
The 74ACT3301 is a crystal controlled CMOS
oscillator requiring a minimum of external components
and is designed for Clock Generation and Support
applications up to 110 MHz. The device is highly
versatile, providing selectable output divide ratios,
multiple crystal drive levels and selectable rise and fall
timing options. The circuit is designed to operate over
a wide frequency range using fundamental model or
overtone crystals. The device is a direct electrical and
mechanical replacement for the obsolete 74ACT3301
produced by National Semiconductor.

Features
Crystal frequency operation range:
 fundamental: 10 MHz to 100 MHz typical
 3rd or 5th overtone: 10 MHz to 85 MHz
Programmable oscillator drive
Selectable fast output edge rates
Output symmetry circuit to adjust 50% duty cycle
point between CMOS and TTL levels
Output current drive of 48 mA for IOL/IOH
Output has high speed short circuit protection
Basic oscillator type: Pierce




Similar Part No. - 74ACT3301_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ACT3301 SS-74ACT3301_V02 Datasheet
421Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
More results


Similar Description - 74ACT3301_V01

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
ASEV ABRACON-ASEV Datasheet
679Kb / 2P
CMOS VOLTAGE CONTROLLED SMD CRYSTAL OSCILLATOR
08.14.08
logo
Vectron International, ...
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
CMOS Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
List of Unclassifed Man...
N-48X ETC-N-48X Datasheet
42Kb / 2P
P O W E R T R A N S F O R M E R CHASSIS MOUNT : Isolation
logo
Silicon Supplies
CGS3311 SS-CGS3311 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
LM4040A-1.2 SS-LM4040A-1.2 Datasheet
478Kb / 4P
Precision Micropower Shunt Voltage Reference in bare die f o r m
Rev 1.0 02/11/21
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
CMOS Crystal Oscillator
Revision B March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com