Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA60 Datasheet (PDF) - STMicroelectronics

PSA60 Datasheet PDF - STMicroelectronics
Part # PSA60
Download  PSA60 Download
File Size   97.68 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PSA digital multi-satellite controller

PSA60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSA60 Datasheet PDF - STMicroelectronics

Part # PSA60
Download  PSA60 Click to download

File Size   97.68 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PSA digital multi-satellite controller

PSA60 Datasheet (HTML) - STMicroelectronics


PSA60 Product details

Features
• High performance resonant / non-resonant digital control loop STVCOT™
• Drives up to 6 PSA satellites
• Compliant with Intel VR13, VR13.HC and AVS protocols
• Fully configurable through PMBus™ rev1.2
– Telemetry for primary and secondary
– Full IC configuration / management
– Voltage positioning
• Advanced power management
– Auto cell shedding with PFM
– Low power 1.8 V logic
• Programmable protections
– OV / UV and FB disconnection
– Analog and digital overcurrent protection (OCP)
– Current sharing warning
– Black box recorder (BBR)
– Catastrophic fault precursor (CFP)
• Embedded non-volatile memory (NVM)
• Primary μC interface for telemetry (PuC)
• Single-wire synchronous rectifier driver
• RST and EN1V8 for low power mode
• VFQFPN68, 8x8 mm package

Description
The PSA60 is a high performance digital controller featuring the innovative and
patented resonant / non-resonant ST VCOT™ control loop that allows to implement a
high efficiency DC-DC converter in single-stage conversion directly from the 60 V
bus.
In combination with PSA satellites, the device is able to implement a scalable power
supply with output power in excess of 1 kW featuring Auto Cell Shedding and PFM to
optimize the overall efficiency maintaining a >90% baseline over the whole current
range without compromising the load transient and DVID response.
The PSA60 can be fully configured through PMBus™ to minimize external
component count. Full set of telemetry is provided including BBR, CFP and primary /
secondary side telemetry.
The device assures fast and independent protection against overcurrent, over/undervoltage
and FB disconnection.
The PSA60 is available in VFQFPN68, 8x8 mm package with exposed pad.

Application
• High efficiency Step-Down conversion




Similar Part No. - PSA60

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA60-105 PHIHONG-PSA60-105 Datasheet
184Kb / 2P
Switching Power Supply
PSA60-105 PHIHONG-PSA60-105 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
PSA60-105 PHIHONG-PSA60-105_14 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
PSA60-112 PHIHONG-PSA60-112 Datasheet
184Kb / 2P
Switching Power Supply
PSA60-112 PHIHONG-PSA60-112 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
More results


Similar Description - PSA60

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
Digital Satellite Tuner
Rev. 01-13 November 2008
logo
International Rectifier
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com