Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSA60
Description  PSA digital multi-satellite controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSA60 Datasheet(HTML) 1 Page - STMicroelectronics

  PSA60 Datasheet HTML 1Page - STMicroelectronics PSA60 Datasheet HTML 2Page - STMicroelectronics PSA60 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VFQFPN68 8x8 mm
Features
•
High performance resonant / non-resonant digital control loop STVCOT™
•
Drives up to 6 PSA satellites
•
Compliant with Intel VR13, VR13.HC and AVS protocols
•
Fully configurable through PMBus™ rev1.2
–
Telemetry for primary and secondary
–
Full IC configuration / management
–
Voltage positioning
•
Advanced power management
–
Auto cell shedding with PFM
–
Low power 1.8 V logic
•
Programmable protections
–
OV / UV and FB disconnection
–
Analog and digital overcurrent protection (OCP)
–
Current sharing warning
–
Black box recorder (BBR)
–
Catastrophic fault precursor (CFP)
•
Embedded non-volatile memory (NVM)
•
Primary µC interface for telemetry (PuC)
•
Single-wire synchronous rectifier driver
•
RST and EN1V8 for low power mode
•
VFQFPN68, 8x8 mm package
Application
•
High efficiency Step-Down conversion
Description
The PSA60 is a high performance digital controller featuring the innovative and
patented resonant / non-resonant ST VCOT™ control loop that allows to implement a
high efficiency DC-DC converter in single-stage conversion directly from the 60 V
bus.
In combination with PSA satellites, the device is able to implement a scalable power
supply with output power in excess of 1 kW featuring Auto Cell Shedding and PFM to
optimize the overall efficiency maintaining a >90% baseline over the whole current
range without compromising the load transient and DVID response.
The PSA60 can be fully configured through PMBus™ to minimize external
component count. Full set of telemetry is provided including BBR, CFP and primary /
secondary side telemetry.
The device assures fast and independent protection against overcurrent, over/under-
voltage and FB disconnection.
The PSA60 is available in VFQFPN68, 8x8 mm package with exposed pad.
Product status
PSA60
Product summary
Order code
PSA60TR
Package
VFQFPN68
Packing
Tape & Reel
PSA digital multi-satellite controller
PSA60
Data brief
DB3559 - Rev 1 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - PSA60

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA60-105 PHIHONG-PSA60-105 Datasheet
184Kb / 2P
Switching Power Supply
PSA60-105 PHIHONG-PSA60-105 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
PSA60-105 PHIHONG-PSA60-105_14 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
PSA60-112 PHIHONG-PSA60-112 Datasheet
184Kb / 2P
Switching Power Supply
PSA60-112 PHIHONG-PSA60-112 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
More results

Similar Description - PSA60

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
Digital Satellite Tuner
Rev. 01-13 November 2008
logo
International Rectifier
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
Digital Multi-Phase Buck Controller
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
Digital Multi-Phase Buck Controller
IR3590B IRF-IR3590B Datasheet
385Kb / 2P
Digital Multi-Phase Redundant Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com