Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIB1060DM2T-L Datasheet (PDF) - STMicroelectronics

STIB1060DM2T-L Datasheet PDF - STMicroelectronics
Part # STIB1060DM2T-L
Download  STIB1060DM2T-L Download
File Size   769.12 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM™ - 2nd series IPM, 3-phase inverter, 0.18 Ω typ., 10 A, 600 V Power MOSFET

STIB1060DM2T-L Datasheet (PDF)

Go To PDF Page Download Datasheet
STIB1060DM2T-L Datasheet PDF - STMicroelectronics

Part # STIB1060DM2T-L
Download  STIB1060DM2T-L Click to download

File Size   769.12 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM™ - 2nd series IPM, 3-phase inverter, 0.18 Ω typ., 10 A, 600 V Power MOSFET

STIB1060DM2T-L Datasheet (HTML) - STMicroelectronics


STIB1060DM2T-L Product details

Features
• IPM 10 A, 600 V, 3-phase MOSFET inverter bridge including 2 control ICs for
gate driving
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Internal bootstrap diode
• Undervoltage lockout of gate drivers
• Smart shutdown function
• Short-circuit protection
• Shutdown input/fault output
• Separate open-source outputs
• Built-in temperature sensor
• Comparator for fault protection
• Fast, soft recovery diodes
• 85 kΩ NTC, UL 1434, CA 4 recognized
• Fully isolated package
• Isolation rating of 1500 Vrms/min
• UL recognition: UL 1557, file E81734

Description
This new IPM, belonging to the second series of SLLIMM (small low-loss intelligent
molded module), provides a compact, high-performance AC motor drive in a simple,
rugged design.
It combines new ST proprietary control ICs with the high-voltage N-channel superjunction
MDMesh™ DM2, providing fast-recovery diode series to increase efficiency
and minimize EMI and overall losses, making it ideal for any high-efficiency converter
and 3-phase inverter system. SLLIMM™ is a trademark of STMicroelectronics.

Applications
• 3-phase inverters for motor drives
• Linear and BLDC compressor
• Aircon




Similar Part No. - STIB1060DM2T-L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIB1060DM2T-LZ STMICROELECTRONICS-STIB1060DM2T-LZ Datasheet
785Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 180 mΩ typ., 10 A, 600 V Power MOSFET
02-Mar-2022
More results


Similar Description - STIB1060DM2T-L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
SLLIMM™- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
22-Dec-2015
STIB1060DM2T-LZ STMICROELECTRONICS-STIB1060DM2T-LZ Datasheet
785Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 180 mΩ typ., 10 A, 600 V Power MOSFET
02-Mar-2022
STIB1560DM2-L STMICROELECTRONICS-STIB1560DM2-L Datasheet
864Kb / 22P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
25-Jul-2019
STIB1560DM2T-L STMICROELECTRONICS-STIB1560DM2T-L Datasheet
932Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
10-Jul-2019
STIB1560DM2T-LZ STMICROELECTRONICS-STIB1560DM2T-LZ Datasheet
801Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
03-Nov-2020
STGIF7CH60S-X STMICROELECTRONICS-STGIF7CH60S-X Datasheet
881Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
14-Feb-2022
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
STGIF7CH60TS-X STMICROELECTRONICS-STGIF7CH60TS-X Datasheet
571Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
03-Jun-2021
STGIF7CH60TS-XZ STMICROELECTRONICS-STGIF7CH60TS-XZ Datasheet
596Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
14-Feb-2022
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com